전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LB11873-TRM-E 데이터시트(PDF) 10 Page - ON Semiconductor

부품명 LB11873-TRM-E
상세설명  For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11873-TRM-E 데이터시트(HTML) 10 Page - ON Semiconductor

Back Button LB11873-TRM-E Datasheet HTML 6Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 7Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 8Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 9Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 10Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 11Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 12Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 13Page - ON Semiconductor LB11873-TRM-E Datasheet HTML 14Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LB11873
No.A0081-10/14
Continued from preceding page.
Pin No.
Pin
Description
Equivalent Circuit
23
BRSEL
Deceleration (braking) control selection
Low : 0V to 1.0V
High : 2.0V to VREG
This pin goes to the high level when open.
A low level selects reverse torque control and a
high level selects free running braking. If reverse
torque control is used, an external Schottky barrier
diode will be required on the low side of the output.
24
PH
RF waveform smooth
Connect a capacitor between this pin and ground.
25
FCS
Control loop frequency characteristics correction
Connect a capacitor between this pin and ground.
26
TM
Monitor output
This pin is normally left open.
Continued on next page.
VREG
20k
Ω
5k
Ω
23
30k
Ω
VREG
500
Ω
34
25
VREG
300
Ω
VREG
300
Ω
26


유사한 부품 번호 - LB11873-TRM-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
More results

유사한 설명 - LB11873-TRM-E

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11873 SANYO-LB11873 Datasheet
160Kb / 14P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB11876 SANYO-LB11876 Datasheet
173Kb / 15P
   Monolithic Digital IC For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LB1876 SANYO-LB1876 Datasheet
118Kb / 14P
   Three-Phase Brushless Motor Driver for Polygon Mirror Motors
logo
Rohm
BD67929EFV ROHM-BD67929EFV Datasheet
280Kb / 15P
   Three-phase Brushless Motor Driver for Polygonal Mirrors
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com