전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

3U-0010-0903-5 데이터시트(PDF) 9 Page - 3M Electronics

부품명 3U-0010-0903-5
상세설명  This specification was revised due to the requirement described below.
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  3M [3M Electronics]
홈페이지  http://www.3m.com
Logo 3M - 3M Electronics

3U-0010-0903-5 데이터시트(HTML) 9 Page - 3M Electronics

Back Button 3U-0010-0903-5 Datasheet HTML 5Page - 3M Electronics 3U-0010-0903-5 Datasheet HTML 6Page - 3M Electronics 3U-0010-0903-5 Datasheet HTML 7Page - 3M Electronics 3U-0010-0903-5 Datasheet HTML 8Page - 3M Electronics 3U-0010-0903-5 Datasheet HTML 9Page - 3M Electronics 3U-0010-0903-5 Datasheet HTML 10Page - 3M Electronics 3U-0010-0903-5 Datasheet HTML 11Page - 3M Electronics 3U-0010-0903-5 Datasheet HTML 12Page - 3M Electronics 3U-0010-0903-5 Datasheet HTML 13Page - 3M Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
JNPS-0135
D
1.
FUNCTION
This Shell Kit can fix with the MDR Plug Connector (101 XX series) , and it can reliably mate with
the MDR Receptacle Connector (102XX series).
The Cable Clamp of this Shell Kit holds the cable, and the Cable Clamp with Ground plate holds
the cable and grounds the shield of the cable to the Shroud of the Plug Connector.
The Shell Body is made of plastic , so not considered for E.M.1.
Locking methods for the Receptacle Connector are as follows.
The value in ( ) is reference
I . Jack Screw L30 Type
• Two Jack Screws fasten the Shell to the Receptacle , when the Receptacle is not mounted
on the Panel .
• A Spring Washer and a Plain Washer for positioning are attached .
• Total length : 30 mm .
• Recommended tightening torque : 0.196 ~ 0.049 N・m (2.0 ~ 0.5kgf'cm)
REVISED BY NEW MEASUREMENT LAW
Ⅱ.Jack Screw L26 Type
• Two Jack Screws fasten the Shell to the Receptacle , when the Receptacle is mounted
• on the Panel by two Jack Socket Screws .
• A Spring Washer and a Plain Washer for positioning are attached .
• Total length : 26 mm.
• Recommended tightening torque : 0.196 ±0.049 N・m (2.0 ~ 0.5kgf・cm)
REVISED BY NEW MEASUREMENT LAW
Ⅲ.Latch Type
• Two Latches are used, and been able to open and shut easy by one hand.
• Holding Force refers to "5. QUALITY PERFORMANCE".
Ⅳ.Jack Screw with Stopper Type
• Two Jack Screws fasten the Shell to the Receptacle, when the Receptacle is not mounted
• on the Panel.
• With installed Stopper for the prevention of over tightening.
• A plastic C Ring for positioning is attached.
• Total length : 30 mm .
• Recommended tightening torque : 0.441±0.049 N・m (4.5± 0.5kgf・cm)
REVISED BY NEW MEASUREMENT LAW


유사한 부품 번호 - 3U-0010-0903-5

제조업체부품명데이터시트상세설명
logo
C&K Components
3U-0-21-0-0-0-0 CK-COMPONENTS-3U-0-21-0-0-0-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-0-02 CK-COMPONENTS-3U-0-21-0-0-02 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-09-0 CK-COMPONENTS-3U-0-21-0-09-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-092 CK-COMPONENTS-3U-0-21-0-092 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
3U-0-21-0-0A-0 CK-COMPONENTS-3U-0-21-0-0A-0 Datasheet
135Kb / 5P
   Tiny Pushwheel Switches
2008
More results

유사한 설명 - 3U-0010-0903-5

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
108-36033 TEC-108-36033 Datasheet
286Kb / 6P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below
108-133061 TEC-108-133061 Datasheet
162Kb / 7P
   The product described in this document has not been fully tested to ensure conformance to the requirements outlined below.
logo
Inolux Corporation
V236BJ1 INOLUX-V236BJ1 Datasheet
662Kb / 29P
   The Approval Specification was first issued.
logo
Samsung semiconductor
LSC320AN10 SAMSUNG-LSC320AN10 Datasheet
2Mb / 34P
   The information described in this specification is preliminary and can be changed without prior notice
logo
Soberton Inc.
WT-2505 SOBERTON-WT-2505_17 Datasheet
312Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WT-1201 SOBERTON-WT-1201_17 Datasheet
268Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1612S SOBERTON-WST-1612S_16 Datasheet
340Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-1307S SOBERTON-WST-1307S Datasheet
290Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
WST-0905S SOBERTON-WST-0905S_16 Datasheet
300Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
ST-025BH SOBERTON-ST-025BH_17 Datasheet
412Kb / 5P
   THIS SPECIFICATION APPLIES TO THE ELECTROMAGNETIC BUZZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com