전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM285D-2.5R2 데이터시트(PDF) 4 Page - ON Semiconductor

부품명 LM285D-2.5R2
상세설명  Micropower Voltage Reference Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM285D-2.5R2 데이터시트(HTML) 4 Page - ON Semiconductor

  LM285D-2.5R2 Datasheet HTML 1Page - ON Semiconductor LM285D-2.5R2 Datasheet HTML 2Page - ON Semiconductor LM285D-2.5R2 Datasheet HTML 3Page - ON Semiconductor LM285D-2.5R2 Datasheet HTML 4Page - ON Semiconductor LM285D-2.5R2 Datasheet HTML 5Page - ON Semiconductor LM285D-2.5R2 Datasheet HTML 6Page - ON Semiconductor LM285D-2.5R2 Datasheet HTML 7Page - ON Semiconductor LM285D-2.5R2 Datasheet HTML 8Page - ON Semiconductor LM285D-2.5R2 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
LM285, LM385B
http://onsemi.com
4
1.1
t, TIME (ms)
0
1.0
0.9
0.8
0.7
0.6
0.3
0.2
0.1
1.25
1.50
0.75
0.50
0
5.0
0.25
10
0
1.00
Input
DUT
Output
100 k
100
875
1.0K
100k
10K
10
0
125
250
375
750
625
500
f, FREQUENCY (Hz)
125
TA , AMBIENT TEMPERATURE (°C)
1.210
1.220
1.230
1.240
1.250
100
75
50
025
-25
-50
10
0.01
100
1.0
0.1
1.2
1.0
0.8
0.6
0.4
0.2
0
IF , FORWARD CURRENT (mA)
TYPICAL PERFORMANCE CURVES FOR LM285-1.2/385-1.2/385B-1.2
0.2
0.4
0.6
0.8
1.0
1.2
10
1.4
100
1.0
0.1
0
V(BR), REVERSE VOLTAGE (V)
0.1
1.0
10
100
0.01
8.0
6.0
4.0
2.0
0
-2.0
10
IR, REVERSE CURRENT (mA)
TA = +85°C
+25
°C
-40
°C
TA = +85°C
+25
°C
-40
°C
TA = -40°C
+25
°C
+85
°C
IR = 100 mA
Figure 2. Reverse Characteristics
Figure 3. Reverse Characteristics
Figure 4. Forward Characteristics
Figure 5. Temperature Drift
Figure 6. Noise Voltage
Figure 7. Response Time


유사한 부품 번호 - LM285D-2.5R2

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LM285D-2.5R2 ONSEMI-LM285D-2.5R2 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285D-2.5R2 ONSEMI-LM285D-2.5R2 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285D-2.5R2 ONSEMI-LM285D-2.5R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285D-2.5R2 ONSEMI-LM285D-2.5R2 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM285D-2.5R2G ONSEMI-LM285D-2.5R2G Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
More results

유사한 설명 - LM285D-2.5R2

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
LM285 MOTOROLA-LM285 Datasheet
110Kb / 7P
   MICROPOWER VOLTAGE REFERENCE DIODES
logo
ON Semiconductor
LM385D-25R2 ONSEMI-LM385D-25R2 Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-1.2R2G ONSEMI-LM385D-1.2R2G Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_16 Datasheet
100Kb / 9P
   Micropower Voltage Reference Diodes
October, 2016 ??Rev. 9
LM285 ONSEMI-LM285_05 Datasheet
88Kb / 9P
   Micropower Voltage Reference Diodes
November, 2005 ??Rev. 7
LM285 ONSEMI-LM285 Datasheet
79Kb / 8P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM285 ONSEMI-LM285_08 Datasheet
114Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
LM385D-25R2G ONSEMI-LM385D-25R2G Datasheet
102Kb / 9P
   Micropower Voltage Reference Diodes
March, 2008 - Rev. 8
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com