전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-2000C-4 데이터시트(PDF) 24 Page - List of Unclassifed Manufacturers

부품명 4-2000C-4
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-2000C-4 데이터시트(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 4-2000C-4 Datasheet HTML 20Page - List of Unclassifed Manufacturers 4-2000C-4 Datasheet HTML 21Page - List of Unclassifed Manufacturers 4-2000C-4 Datasheet HTML 22Page - List of Unclassifed Manufacturers 4-2000C-4 Datasheet HTML 23Page - List of Unclassifed Manufacturers 4-2000C-4 Datasheet HTML 24Page - List of Unclassifed Manufacturers 4-2000C-4 Datasheet HTML 25Page - List of Unclassifed Manufacturers 4-2000C-4 Datasheet HTML 26Page - List of Unclassifed Manufacturers 4-2000C-4 Datasheet HTML 27Page - List of Unclassifed Manufacturers 4-2000C-4 Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
24
edding 250
Boardmarker with bullet tip,
low-odour pigment ink. Cap can be left off
for a short time without tip drying out.
Colours: 001–010, refillable
in colours 001–004.
Order no.
Box of 10 in each colour.
4-250xxx*
Colours: 001–010 assorted.
Order no.
Box of 10.
4-250999
250/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-250-4
250 N Spare tips.
Order no.
Box of 10.
4-250N
~1.5–3 mm
009
008
007
010
006
005
004
003
002
001
edding 360
Boardmarker with bullet tip,
low-odour pigment ink. Cap can be left off
for a short time without tip drying out.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-360xxx*
360/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-360-4
30/360/380 N Spare tips.
Order no.
Box of 10.
4-380N
~1.5–3 mm
004
003
002
001
edding 363
Boardmarker with chisel tip,
low-odour pigment ink. Cap can be left off
for a short time without tip drying out.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-363xxx*
363/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-363-4
363/33 N Spare tips.
Order no.
Box of 10.
4-33N
~1–5 mm
004
003
002
001
edding 361
Boardmarker with bullet tip,
low-odour pigment ink.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-361xxx*
361/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-361-4
361 N Spare tips.
Order no.
Box of 10.
4-361N
~1 mm
004
003
002
001
edding comfort 2
Whiteboard marker with bullet tip and
comfortable rubber grip, low-odour pigment ink.
Cap can be left off for a short time
without tip drying out.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-C2xxx*
250 N Spare tips.
Order no.
Box of 10.
4-250N
~1.5–3 mm
004
003
002
001


유사한 부품 번호 - 4-2000C-4

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-2007740-1 TEC-4-2007740-1 Datasheet
409Kb / 1P
   IMPACT, STD, R/A, 6 PAIR, 10 COLUMN, DAUGHTERCARD, RIGHT GUIDED SIGNAL, 0.39 EYELET
4-2007745-1 TEC-4-2007745-1 Datasheet
556Kb / 1P
   IMPACT, 6 PAIR, DAUGHTERCARD 16 COLUMN, LEFT GUIDED, SIGNAL MODULE, 0.39 EYELET
4-2007808-1 TEC-4-2007808-1 Datasheet
360Kb / 2P
   IMPACT, 4 PAIR, 10 COLUMN, HEADER LEFT GUIDED, OPEN END WALL SIGNAL MODULE, 0.46 PTH
4-2007808-2 TEC-4-2007808-2 Datasheet
360Kb / 2P
   IMPACT, 4 PAIR, 10 COLUMN, HEADER LEFT GUIDED, OPEN END WALL SIGNAL MODULE, 0.46 PTH
4-2007808-3 TEC-4-2007808-3 Datasheet
360Kb / 2P
   IMPACT, 4 PAIR, 10 COLUMN, HEADER LEFT GUIDED, OPEN END WALL SIGNAL MODULE, 0.46 PTH
More results

유사한 설명 - 4-2000C-4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com