전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-404N 데이터시트(PDF) 42 Page - List of Unclassifed Manufacturers

부품명 4-404N
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-404N 데이터시트(HTML) 42 Page - List of Unclassifed Manufacturers

Back Button 4-404N Datasheet HTML 38Page - List of Unclassifed Manufacturers 4-404N Datasheet HTML 39Page - List of Unclassifed Manufacturers 4-404N Datasheet HTML 40Page - List of Unclassifed Manufacturers 4-404N Datasheet HTML 41Page - List of Unclassifed Manufacturers 4-404N Datasheet HTML 42Page - List of Unclassifed Manufacturers 4-404N Datasheet HTML 43Page - List of Unclassifed Manufacturers 4-404N Datasheet HTML 44Page - List of Unclassifed Manufacturers 4-404N Datasheet HTML 45Page - List of Unclassifed Manufacturers 4-404N Datasheet HTML 46Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
42
FINELINERS, GEL ROLLERS
Fineliners for writing and fine lettering. Gel roller with special gel ink for precise and particularly smooth writing.
Attractive colours, including metallic and pastel colours. High opacity for great effects – especially metallic and
pastel colours on dark paper.
HIGH-TECH FIBREPENS
Professional pens for fine drawings, sketches and technical drawings. Tips protected by metal casing.
Also suitable for work involving templates.
edding 1800 profipen
High-tech fibrepen with metal-framed round tip in
4 stroke widths, water-resistant, lightfast pigment ink.
Cap with stainless-steel clip.
Colours: 001–004.
Box of 10 in each colour.
Order no.
Stroke width 0.1 = ca. 0.25 mm.
4-180001xxx*
Stroke width 0.3 = ca. 0.35 mm.
4-180003xxx*
Stroke width 0.5 = ca. 0.5 mm.
4-180005xxx*
Stroke width 0.7 = ca. 0.7 mm.
4-180007xxx*
1800/3 S Wallet with 3 pens 0.1, 0.3, 0.5.
Order no.
Colour: 001.
4-1800-3
004
003
002
001
edding 55 finepen
Fineliner with metal-framed round tip,
water-based ink.
Colours: 001–012, 014, 017, 019, 020.
Order no.
Box of 10 in each colour.
4-55xxx*
Colours 014, 017, 019, 020: Box of 5 in each colour.
55/10 S Metal box with 10 pens.
Order no.
Colours: 001–010.
4-55-10
55/16 S Metal box with 16 pens.
Order no.
Colours: 001–012, 014, 017, 019, 020.
4-55-16
010
009
008
007
006
005
004
003
002
001
020
019
017
014
012
011
~0.3 mm
~0.25+0.35+0.5+0.7 mm
edding 1880 drawliner
High-tech fibrepen with metal-framed round tip in
8 stroke widths, water-resistant, lightfast pigment ink.
Colour: 001.
Box of 10 in each colour.
Order no.
Stroke width 0.05 = ca. 0,2 mm.
4-1880005001
Stroke width 0.1 = ca. 0,25 mm.
4-188001001
Stroke width 0.2 = ca. 0,3 mm.
4-188002001
Stroke width 0.3 = ca. 0,35 mm.
4-188003001
Stroke width 0.4 = ca. 0,45 mm.
4-188004001
Stroke width 0.5 = ca. 0,5 mm.
4-188005001
Stroke width 0.7 = ca. 0,7 mm.
4-188007001
Stroke width 0.8 = ca. 0,8 mm.
4-188008001
1880/4 S Wallet with 4 pens 0.1, 0.3, 0.5, 0,7. Order no.
Colour: 001.
4-1880-4
001
~0.2+0.25+0.3+0.35+0.45+0.5+0.7+0.8 mm
edding 2185 crystaljelly
Gel roller with metal-framed roller tip
and rubber grip, water-based gel ink.
Colours: 001–004, 008–010, 053–055,
073, 074, 078, 079, 135, 136.
Order no.
Box of 10 in each colour.
4-2185xxx*
2185/3 S Wallet of 3 pens.
Order no.
Colours: 001-003.
4-2185-3099
2185/3 S Wallet of 3 pens.
Order no.
Colours: 053-055.
4-2185-3999
2185/5 S Wallet of 5 pens.
Order no.
Colours: 001–004, 009.
4-2185-5099
2185/5 S Wallet of 5 pens.
Order no.
Colours: 053, 054, 073, 074, 079.
4-2185-5999
2185/7 S Wallet of 7 pens.
Order no.
Colours: 001–004, 008–010.
4-2185-7099
2185/7 S Wallet of 7 pens.
Order no.
Colours: 053–055, 073, 074, 078, 079.
4-2185-7999
074
055
073
054
053
010
078
079
135
136
009
008
004
003
002
001
~0.7 mm


유사한 부품 번호 - 4-404N

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-4 TEC-4-4 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Datatronic Distribution...
4-4-1D DATATRONICS-4-4-1D Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
Bourns Electronic Solut...
4-4-1D_ BOURNS-4-4-1D_ Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
logo
Datatronic Distribution...
4-4-1J DATATRONICS-4-4-1J Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
Bourns Electronic Solut...
4-4-1J_ BOURNS-4-4-1J_ Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
More results

유사한 설명 - 4-404N

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com