전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-800999 데이터시트(PDF) 32 Page - List of Unclassifed Manufacturers

부품명 4-800999
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-800999 데이터시트(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button 4-800999 Datasheet HTML 28Page - List of Unclassifed Manufacturers 4-800999 Datasheet HTML 29Page - List of Unclassifed Manufacturers 4-800999 Datasheet HTML 30Page - List of Unclassifed Manufacturers 4-800999 Datasheet HTML 31Page - List of Unclassifed Manufacturers 4-800999 Datasheet HTML 32Page - List of Unclassifed Manufacturers 4-800999 Datasheet HTML 33Page - List of Unclassifed Manufacturers 4-800999 Datasheet HTML 34Page - List of Unclassifed Manufacturers 4-800999 Datasheet HTML 35Page - List of Unclassifed Manufacturers 4-800999 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
32
edding 8280 securitas uv marker
UV marker with bullet tip,
special permanent ink
which only shows up under
ultraviolet light.
Colour: 100.
Order no.
Box of 10.
4-8280100
100
~1.5–3 mm
edding 8850 carpenter pen
Marker pen with bullet tip
and transparent cap,
special permanent ink.
The long narrow mouthpiece is ideal for marking
hard-to-reach places, e.g. drill holes.
Colour: 001.
Order no.
Individually packaged (blister packs).
4-8850-1-1001
Minimum order: 10 blistercards.
~0.7–1 mm
001
edding 8400 cd/dvd marker
CD/DVD marker with fine, soft bullet tip,
permanent, lightfast and smudge-proof
water-based ink, to protect the data storage layer.
For permanent lettering on CD blanks,
CD-ROMs and DVDs.
Recommended by Sony CPCE.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-8400xxx*
Colours assorted:
5x 001, 2x 002, 2x 003, 1x 004.
Order no.
Box of 10.
4-8400999
8400/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-8400-4
CD/DVD MARKERS
Permanent and non-permanent water-based ink that will not damage the surface of your CD/DVDs. For unbeatable
data security. Soft and flexible tips makes writing a pleasure. Good ink opacity.
004
003
002
001
~0.5–1 mm
edding 8500 RW cd/dvd marker non-permanent
CD/DVD marker with soft bullet tip,
non-permanent water-based ink,
to protect the data storage layer.
For non-permanent lettering on CD blanks,
CD-ROMs, CD-RWs and DVDs.
Writing can be wiped off without a trace
using a soft, damp cloth.
Colour: 001.
Order no.
Box of 10.
4-8500001
001
~1 mm


유사한 부품 번호 - 4-800999

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-825433-0 MACOM-4-825433-0 Datasheet
64Kb / 2P
   AMPMODU II STIFTLEISTE EINREIHIG
4-825433-1 MACOM-4-825433-1 Datasheet
64Kb / 2P
   AMPMODU II STIFTLEISTE EINREIHIG
4-825433-2 MACOM-4-825433-2 Datasheet
64Kb / 2P
   AMPMODU II STIFTLEISTE EINREIHIG
4-825433-3 MACOM-4-825433-3 Datasheet
64Kb / 2P
   AMPMODU II STIFTLEISTE EINREIHIG
4-825433-4 MACOM-4-825433-4 Datasheet
64Kb / 2P
   AMPMODU II STIFTLEISTE EINREIHIG
More results

유사한 설명 - 4-800999

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com