전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-330-4 데이터시트(PDF) 28 Page - List of Unclassifed Manufacturers

부품명 4-330-4
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-330-4 데이터시트(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button 4-330-4 Datasheet HTML 24Page - List of Unclassifed Manufacturers 4-330-4 Datasheet HTML 25Page - List of Unclassifed Manufacturers 4-330-4 Datasheet HTML 26Page - List of Unclassifed Manufacturers 4-330-4 Datasheet HTML 27Page - List of Unclassifed Manufacturers 4-330-4 Datasheet HTML 28Page - List of Unclassifed Manufacturers 4-330-4 Datasheet HTML 29Page - List of Unclassifed Manufacturers 4-330-4 Datasheet HTML 30Page - List of Unclassifed Manufacturers 4-330-4 Datasheet HTML 31Page - List of Unclassifed Manufacturers 4-330-4 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
OHP MARKERS
Specially designed for writing on plastic transparencies, for example when using overhead projectors. Also good for
writing on glass, plastics, the edge of slides and the like. High-transparency ink for clearly defined, bold lettering
when projected.
edding 140 S permanent
OHP marker with metal framed bullet tip,
permanent, water-resistant ink.
Permanent ink: smudge-proof and
water-resistant, can be corrected using alcohol.
Colours: 001–008.
Order no.
Box of 10 in each colour.
4-140xxx*
140 S/4 S Wallet with 4 markers.
Order no.
Colours: 001–004.
4-140-4
140 S/6 S Wallet with 6 markers.
Order no.
Colours: 001–004, 006, 007.
4-140-6
140 S/8 S Wallet with 8 markers.
Order no.
Colours: 001–008.
4-140-8
008
007
006
005
004
003
002
001
~0.3 mm
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
28
edding 141 F permanent
OHP marker with bullet tip,
permanent, water-resistant ink.
Permanent ink: smudge-proof and
water-resistant, can be corrected using alcohol.
Colours: 001–008.
Order no.
Box of 10 in each colour.
4-141xxx*
141 F/4 S Wallet with 4 markers.
Order no.
Colours: 001–004.
4-141-4
141 F/6 S Wallet with 6 markers.
Order no.
Colours: 001–004, 006, 007.
4-141-6
141 F/8 S Wallet with 8 markers.
Order no.
Colours: 001–008.
4-141-8
008
007
006
005
004
003
002
001
~0.6 mm
edding 142 M permanent
OHP marker with bullet tip,
permanent, water-resistant ink.
Permanent ink: smudge-proof and
water-resistant, can be corrected using alcohol.
Colours: 001–008.
Order no.
Box of 10 in each colour.
4-142xxx*
142 M/4 S Wallet with 4 markers.
Order no.
Colours: 001–004.
4-142-4
142 M/6 S Wallet with 6 markers.
Order no.
Colours: 001–004, 006, 007.
4-142-6
142 M/8 S Wallet with 8 markers.
Order no.
Colours: 001–008.
4-142-8
008
007
006
005
004
003
002
001
~1 mm
edding 143 B permanent
OHP marker with chisel tip,
permanent, water-resistant ink.
Permanent ink: smudge-proof and
water-resistant, can be corrected using alcohol.
Colours: 001–008.
Order no.
Box of 10 in each colour.
4-143xxx*
143 B/4 S Wallet with 4 markers.
Order no.
Colours: 001–004.
4-143-4
143 B/6 S Wallet with 6 markers.
Order no.
Colours: 001–004, 006, 007.
4-143-6
143 B/8 S Wallet with 8 markers.
Order no.
Colours: 001–008.
4-143-8
008
007
006
005
004
003
002
001
~1–3 mm


유사한 부품 번호 - 4-330-4

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-331350-0 MACOM-4-331350-0 Datasheet
125Kb / 1P
   PLUG,DUAL CRIMP SERIES BNC
4-331350-1 MACOM-4-331350-1 Datasheet
125Kb / 1P
   PLUG,DUAL CRIMP SERIES BNC
4-338063-0 MACOM-4-338063-0 Datasheet
7Mb / 116P
   Products for Mobile Equipment
logo
TE Connectivity Ltd
4-338088-3 TEC-4-338088-3 Datasheet
379Kb / 2P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
More results

유사한 설명 - 4-330-4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com