전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-751999 데이터시트(PDF) 43 Page - List of Unclassifed Manufacturers

부품명 4-751999
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-751999 데이터시트(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button 4-751999 Datasheet HTML 39Page - List of Unclassifed Manufacturers 4-751999 Datasheet HTML 40Page - List of Unclassifed Manufacturers 4-751999 Datasheet HTML 41Page - List of Unclassifed Manufacturers 4-751999 Datasheet HTML 42Page - List of Unclassifed Manufacturers 4-751999 Datasheet HTML 43Page - List of Unclassifed Manufacturers 4-751999 Datasheet HTML 44Page - List of Unclassifed Manufacturers 4-751999 Datasheet HTML 45Page - List of Unclassifed Manufacturers 4-751999 Datasheet HTML 46Page - List of Unclassifed Manufacturers 4-751999 Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
43
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
CUTTERS
Handy cutters for all cutting jobs.
edding erasers R 10 / R 20 / DR 15 / DR 20
Plastic eraser for pencil markings.
edding R 10
Double size: 54 x 34 x 12 mm, 28 g.
Order no.
Box of 10.
4-R10
edding R 20
Standard size: 45 x 24 x 10 mm, 14 g.
Order no.
Box of 20.
4-R20
Plastic eraser with white end for pencil markings
and blue end for ink and colouring pens.
edding DR 15
Double size: 60 x 25 x 10 mm, 20 g.
Order no.
Box of 15.
4-DR15
edding DR 20
Standard size: 52 x 20 x 10 mm, 14 g.
Order no.
Box of 20.
4-DR20
ERASERS
High-quality plastic erasers for outstanding results for various applications.
edding cutter MP 9
Pocket model with clip and safety device for locking
the blade with one hand. Removable clip with slot
for safely snapping off blunt blade sections.
Stainless-steel barrel.
Order no.
Box of 1.
4-MP9
edding cutter M 9
Small, handy pocket model with clip.
Tail-piece with slot for safely snapping
off blunt blade sections.
Barrel colours: 001, 049.
Order no.
Box of 10.
4-M9xxx*
049
001
edding cutter M 18
Handy, robust model with clip.
Tail-piece with slot for safely snapping
off blunt blade sections.
Barrel colours: 001, 049.
Order no.
Box of 10.
4-M18xxx*
049
001
edding cutter ML 18
For heavy-duty work, with patented safety
device for locking the blade with one hand.
Removable tail-piece with slot for safely
snapping off blunt blade sections.
Barrel colour: 049.
Order no.
Box of 1.
4-ML18049
049
edding spare blades
edding CB 9 Spare blades for edding MP 9 and M 9
cutters, in dispensers, each with 10 blades.
1 blade = 13 sections.
Order no.
Box of 10 blade dispensers.
4-CB9
edding CB 18 Spare blades for edding M 18 and ML 18
cutters, in dispensers, each with 10 blades.
1 blade = 8 sections.
Order no.
Box of 10 blade dispensers.
4-CB18


유사한 부품 번호 - 4-751999

제조업체부품명데이터시트상세설명
logo
Tyco Electronics
4-745287-7 MACOM-4-745287-7 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
TE Connectivity Ltd
4-794618-0 TEC-4-794618-0 Datasheet
194Kb / 1P
   THRU-HOLE, R/A, TIN HEADER, PLASTIC BOARDLOCK, DUAL ROW, MICRO MATE-N-LOK
4-794618-2 TEC-4-794618-2 Datasheet
194Kb / 1P
   THRU-HOLE, R/A, TIN HEADER, PLASTIC BOARDLOCK, DUAL ROW, MICRO MATE-N-LOK
4-794618-4 TEC-4-794618-4 Datasheet
194Kb / 1P
   THRU-HOLE, R/A, TIN HEADER, PLASTIC BOARDLOCK, DUAL ROW, MICRO MATE-N-LOK
4-794618-6 TEC-4-794618-6 Datasheet
194Kb / 1P
   THRU-HOLE, R/A, TIN HEADER, PLASTIC BOARDLOCK, DUAL ROW, MICRO MATE-N-LOK
More results

유사한 설명 - 4-751999

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com