전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-345-2-5-10 데이터시트(PDF) 35 Page - List of Unclassifed Manufacturers

부품명 4-345-2-5-10
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-345-2-5-10 데이터시트(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button 4-345-2-5-10 Datasheet HTML 31Page - List of Unclassifed Manufacturers 4-345-2-5-10 Datasheet HTML 32Page - List of Unclassifed Manufacturers 4-345-2-5-10 Datasheet HTML 33Page - List of Unclassifed Manufacturers 4-345-2-5-10 Datasheet HTML 34Page - List of Unclassifed Manufacturers 4-345-2-5-10 Datasheet HTML 35Page - List of Unclassifed Manufacturers 4-345-2-5-10 Datasheet HTML 36Page - List of Unclassifed Manufacturers 4-345-2-5-10 Datasheet HTML 37Page - List of Unclassifed Manufacturers 4-345-2-5-10 Datasheet HTML 38Page - List of Unclassifed Manufacturers 4-345-2-5-10 Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
35
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 10
Permanent marker with chisel tip,
permanent, low-odour ink.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-10xxx*
004
003
002
001
~2–5 mm
edding 20
Permanent marker with bullet tip,
permanent, low-odour ink.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-20xxx*
004
003
002
001
~1.5–3 mm
edding 347 mini highlighter
Mini highlighter
with chisel tip,
water-based ink,
bright, brilliant colours.
Two-colour system.
Colour combinations:
064/neon green and 065/neon yellow,
066/neon orange and 069/neon pink.
4 colours in one sales unit.
Order no.
Only available in a display.
4-51044
~1–4 mm
066
065
064
069
edding 30 brilliant paper marker
Pigment marker with bullet tip,
permanent, lightfast, low-odour,
water-based pigment ink.
Colours: 001–008,
refillable in colours 001–004.
Order no.
Box of 10 in each colour.
4-30xxx*
30/360/380 N Spare tips.
Order no.
Box of 10.
4-380N
Refill ink for edding 30 see on page 20.
BRILLIANT PAPER MARKERS
Particularly suitable for writing on paper and card, but also ideal for beautiful inscriptions, marking and labelling
of materials made of plastic, metal and glass. The ink will not bleed through the paper and is extremely light-fast.
Waterproof, smudge-proof and wear-resistant on almost all surfaces. Heat-resistant. Refillable.
008
007
006
005
004
003
002
001
~1.5–3 mm
edding 33 brilliant paper marker
Pigment marker with chisel tip,
permanent, lightfast, low-odour,
water-based pigment ink.
Colours: 001–008,
refillable in colours 001–004.
Order no.
Box of 10 in each colour.
4-33xxx*
33/363 N Spare tips.
Order no.
Box of 10.
4-33N
Refill ink for edding 33 see on page 20.
008
007
006
005
004
003
002
001
~1–5 mm
MINI HIGHLIGHTERS
Particularly ideal for marking and highlighting sections of text and notices, for example in letters, tables, books,
magazines, brochures, timetables and atlases, as well as for all types of copier and fax paper.


유사한 부품 번호 - 4-345-2-5-10

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-3 TEC-4-3 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
184Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-304052-6 TEC-4-304052-6 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
4-305927-0 MACOM-4-305927-0 Datasheet
209Kb / 6P
   Hydraulic Crimping
More results

유사한 설명 - 4-345-2-5-10

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com