전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-340383N 데이터시트(PDF) 20 Page - List of Unclassifed Manufacturers

부품명 4-340383N
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-340383N 데이터시트(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button 4-340383N Datasheet HTML 16Page - List of Unclassifed Manufacturers 4-340383N Datasheet HTML 17Page - List of Unclassifed Manufacturers 4-340383N Datasheet HTML 18Page - List of Unclassifed Manufacturers 4-340383N Datasheet HTML 19Page - List of Unclassifed Manufacturers 4-340383N Datasheet HTML 20Page - List of Unclassifed Manufacturers 4-340383N Datasheet HTML 21Page - List of Unclassifed Manufacturers 4-340383N Datasheet HTML 22Page - List of Unclassifed Manufacturers 4-340383N Datasheet HTML 23Page - List of Unclassifed Manufacturers 4-340383N Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 64 page
background image
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
20
PERMANENT MARKERS
Particularly ideal for writing, marking and labelling almost all materials, including plastic, metal and glass. Light-fast,
quick-drying ink. Waterproof and wear-resistant on almost all surfaces. Low-odour ink without added xylene or toluene.
edding 30 brilliant paper marker
Pigment marker with bullet tip,
permanent, lightfast, low-odour,
water-based pigment ink.
Colours: 001–008,
refillable in colours 001–004.
Order no.
Box of 10 in each colour.
4-30xxx*
30/360/380 N Spare tips.
Order no.
Box of 10.
4-380N
BRILLIANT PAPER MARKERS
Particularly suitable for writing on paper and card, but also ideal for marking and labelling materials made of plastic,
metal and glass. Water-based pigment ink will not bleed through the paper and is extremely light-fast. Waterproof,
smudge-proof and wear-resistant on almost all surfaces. Heat-resistant. Refillable.
008
007
006
005
004
003
002
001
~1.5–3 mm
edding 33 brilliant paper marker
Pigment marker with chisel tip,
permanent, lightfast, low-odour,
water-based pigment ink.
Colours: 001–008,
refillable in colours 001–004.
Order no.
Box of 10 in each colour.
4-33xxx*
33/363 N Spare tips.
Order no.
Box of 10.
4-33N
008
007
006
005
004
003
002
001
~1–5 mm
edding comfort 3
Permanent marker with bullet tip
and comfortable rubber grip,
permanent, low-odour ink.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-C3xxx*
3000 N Spare tips.
Order no.
Box of 10.
4-3000N
Refill ink for edding comfort 3 see on page 9.
~1.5–3 mm
004
003
002
001
Refill ink for edding brilliant paper markers
edding PTK 25
Permanent, lightfast, low-odour,
water-based pigment ink in a bottle
with capillary system. For refilling the
brilliant paper markers edding 30 and 33.
Simply insert the tip of the marker into the
refill bottle and after a few minutes
it is ready to use.
Contents 25 ml.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-PTK25xxx*
004
003
002
001


유사한 부품 번호 - 4-340383N

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-3 TEC-4-3 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
184Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-304052-6 TEC-4-304052-6 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
4-305927-0 MACOM-4-305927-0 Datasheet
209Kb / 6P
   Hydraulic Crimping
More results

유사한 설명 - 4-340383N

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com