전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-8400999 데이터시트(PDF) 41 Page - List of Unclassifed Manufacturers

부품명 4-8400999
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-8400999 데이터시트(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button 4-8400999 Datasheet HTML 37Page - List of Unclassifed Manufacturers 4-8400999 Datasheet HTML 38Page - List of Unclassifed Manufacturers 4-8400999 Datasheet HTML 39Page - List of Unclassifed Manufacturers 4-8400999 Datasheet HTML 40Page - List of Unclassifed Manufacturers 4-8400999 Datasheet HTML 41Page - List of Unclassifed Manufacturers 4-8400999 Datasheet HTML 42Page - List of Unclassifed Manufacturers 4-8400999 Datasheet HTML 43Page - List of Unclassifed Manufacturers 4-8400999 Datasheet HTML 44Page - List of Unclassifed Manufacturers 4-8400999 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
41
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 1340 brushpen
Fibrepen with brush-like tip
for variable stroke width,
water-based ink.
Colours: 001–012.
Order no.
Box of 10 in each colour.
4-1340xxx*
1340/12 S Box with 12 pens.
Order no.
Colours: 001–012.
4-1340-12
edding 1255 calligraphy pen
Fibrepen with calligraphy tip,
available in 3 stroke widths,
water-based ink.
Colours: 001–003, 018.
Stroke width approx. 2.0 mm.
Order no.
Box of 10 in each colour.
4-125520xxx*
Stroke width approx. 3.5 mm.
Order no.
Box of 10 in each colour.
4-125535xxx*
Stroke width approx. 5.0 mm.
Order no.
Box of 10 in each colour.
4-125550xxx*
1255/3 S Wallet with 1 pen 2.0, 3.5, 5.0.
Order no.
Colours: 001–003, 018.
4-1255-3xxx*
018
003
002
001
010
009
008
012
007
011
006
005
004
003
002
001
variable
edding 1300 color pen
Fibrepen with bullet tip, water-based ink.
Colours: 001–022, 025–032, 034–036,
038, 040, 041, 043, 045, 046, 048.
Order no.
Box of 10 in each colour.
4-1300xxx*
From colour 013 onwards: Box of 5 in each colour.
1300/10 S Metal box with 10 pens.
Order no.
Colours: 001–010.
4-1300-10
1300/20 S Metal box with 20 pens.
Order no.
Colours: 001–012, 014–020, 028.
4-1300-20
1300/40 S Metal box with 40 pens.
Colours: 001–022, 025–032, 034–036,
Order no.
038, 040, 041, 043, 045, 046, 048.
4-1300-40
010
009
008
007
006
005
004
003
002
001
020
019
018
017
016
015
014
013
012
011
032
031
030
029
028
027
026
025
022
021
048
046
045
043
041
040
038
036
035
034
~3 mm
~2+3.5+5 mm
edding 40 watercolor marker
Fibrepen with chisel tip,
water-based ink.
Colours: 001–012.
Order no.
Box of 10 in each colour.
4-40xxx*
40/12 S Tub with 12 markers.
Order no.
Colours: 001–012.
4-40-12
010
009
008
012
007
011
006
005
004
003
002
001
~2–5 mm


유사한 부품 번호 - 4-8400999

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-84534-0 TEC-4-84534-0 Datasheet
193Kb / 1P
   ASSY, 1.25mm FFC CONN, VERTICAL
logo
Tyco Electronics
4-84981-0 MACOM-4-84981-0 Datasheet
643Kb / 32P
   FPC Connector Family
4-84981-0 MACOM-4-84981-0 Datasheet
643Kb / 32P
   FPC Connector Family
4-84981-0 MACOM-4-84981-0 Datasheet
662Kb / 32P
   FPC Connector Family
4-84982-0 MACOM-4-84982-0 Datasheet
643Kb / 32P
   FPC Connector Family
More results

유사한 설명 - 4-8400999

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com