전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-250N 데이터시트(PDF) 27 Page - List of Unclassifed Manufacturers

부품명 4-250N
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-250N 데이터시트(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button 4-250N Datasheet HTML 23Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 24Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 25Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 26Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 27Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 28Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 29Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 30Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
27
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 380
Flipchart marker with bullet tip,
water-based ink with neutral smell.
Cap can be left off for up to several weeks
without drying out.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-380xxx*
380/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-380-4
30/360/380 N Spare tips.
Order no.
Box of 10.
4-380N
~1.5–3 mm
004
003
002
001
edding 383
Flipchart marker with chisel tip,
water-based ink with neutral smell.
Cap can be left off for up to several weeks
without drying out.
Colours: 001–004, refillable.
Order no.
Box of 10 in each colour.
4-383xxx*
383/4 S Wallet of 4 markers.
Order no.
Colours: 001–004.
4-383-4
383/340 N Spare tips.
Order no.
Box of 10.
4-340383N
~1–5 mm
004
003
002
001
FLIPCHART MARKERS
Specially designed for writing on and marking flipchart paper, presentation paper and cards. Ink will not bleed through
the paper. “Cap-off” ink – markers can be left without the cap on for a several weeks without drying out. Almost all
models refillable. Also highly effective for presentations.
edding 388
Flipchart marker
with bullet tip,
water-based ink
with neutral smell.
Cap can be left off for
up to several weeks
without drying out.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-388xxx*
388 N Spare tips.
Order no.
Box of 10.
4-388N
~4–12 mm
004
003
002
001
Refill ink for edding flipchart markers
edding FTK 25
Water-based ink with neutral smell in a bottle
with capillary system. For refilling the flipchart
markers edding 380 and 383.
Simply insert the tip of the marker into
the refill bottle and after a few minutes
it is ready to use.
Contents 25 ml.
Colours: 001–004.
Order no.
Box of 10 in each colour.
4-FTK25xxx*
004
003
002
001


유사한 부품 번호 - 4-250N

제조업체부품명데이터시트상세설명
logo
Datatronic Distribution...
4-25-1D DATATRONICS-4-25-1D Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
Bourns Electronic Solut...
4-25-1D_ BOURNS-4-25-1D_ Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
logo
Datatronic Distribution...
4-25-1J DATATRONICS-4-25-1J Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
Bourns Electronic Solut...
4-25-1J_ BOURNS-4-25-1J_ Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
logo
Datatronic Distribution...
4-25-1W DATATRONICS-4-25-1W Datasheet
360Kb / 2P
   Wideband RF Transformers
More results

유사한 설명 - 4-250N

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com