전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-250N 데이터시트(PDF) 47 Page - List of Unclassifed Manufacturers

부품명 4-250N
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-250N 데이터시트(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button 4-250N Datasheet HTML 43Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 44Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 45Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 46Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 47Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 48Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 49Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 50Page - List of Unclassifed Manufacturers 4-250N Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
47
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
GEL ROLLERS
Gel rollers with special gel ink for precise and especially smooth writing. Attractive colours, including metallic and
pastel colours. High opacity for great effects – especially metallic colours on dark paper.
edding 347 mini highlighter
Mini highlighter
with chisel tip,
water-based ink,
bright, brilliant colours.
Two-colour system.
Colour combinations:
064/neon green and 065/neon yellow,
066/neon orange and 069/neon pink.
4 colours in one sales unit.
Order no.
Only available in a display.
4-51044
~1–4 mm
066
065
064
069
edding 2185 crystaljelly
Gel roller with metal-framed roller tip
and rubber grip, water-based gel ink.
Colours: 001–004, 008–010, 053–055,
073, 074, 078, 079, 135, 136.
Order no.
Box of 10 in each colour.
4-2185xxx*
2185/3 S Wallet of 3 pens.
Order no.
Colours: 001-003.
4-2185-3099
2185/3 S Wallet of 3 pens.
Order no.
Colours: 053-055.
4-2185-3999
2185/5 S Wallet of 5 pens.
Order no.
Colours: 001–004, 009.
4-2185-5099
2185/5 S Wallet of 5 pens.
Order no.
Colours: 053, 054, 073, 074, 079.
4-2185-5999
2185/7 S Wallet of 7 pens.
Order no.
Colours: 001–004, 008–010.
4-2185-7099
2185/7 S Wallet of 7 pens.
Order no.
Colours: 053–055, 073, 074, 078, 079.
4-2185-7999
074
055
073
054
053
010
078
079
135
136
009
008
004
003
002
001
edding 1515
Twin-tip model with bullet tips.
Ink eraser:
approx. 0.8 mm stroke width;
erases royal blue ink.
Writing tip:
approx. 0.3 mm stroke width;
writes with royal blue ink.
Only available in a display.
Order no.
1515/48 S Display with 48 erasers.
4-1515-48
INK ERASER
Ink eraser for removing royal-blue fountain pen ink. Water-based ink, will wash out of most fabrics.
~0.3+0.8 mm
003
000
~0.7 mm


유사한 부품 번호 - 4-250N

제조업체부품명데이터시트상세설명
logo
Datatronic Distribution...
4-25-1D DATATRONICS-4-25-1D Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
Bourns Electronic Solut...
4-25-1D_ BOURNS-4-25-1D_ Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
logo
Datatronic Distribution...
4-25-1J DATATRONICS-4-25-1J Datasheet
360Kb / 2P
   Wideband RF Transformers
logo
Bourns Electronic Solut...
4-25-1J_ BOURNS-4-25-1J_ Datasheet
352Kb / 3P
   Fully encapsulated Frequency range 10 kHz to 500 MHz 6 pin DIP and SMD
logo
Datatronic Distribution...
4-25-1W DATATRONICS-4-25-1W Datasheet
360Kb / 2P
   Wideband RF Transformers
More results

유사한 설명 - 4-250N

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com