전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-361-4 데이터시트(PDF) 40 Page - List of Unclassifed Manufacturers

부품명 4-361-4
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-361-4 데이터시트(HTML) 40 Page - List of Unclassifed Manufacturers

Back Button 4-361-4 Datasheet HTML 36Page - List of Unclassifed Manufacturers 4-361-4 Datasheet HTML 37Page - List of Unclassifed Manufacturers 4-361-4 Datasheet HTML 38Page - List of Unclassifed Manufacturers 4-361-4 Datasheet HTML 39Page - List of Unclassifed Manufacturers 4-361-4 Datasheet HTML 40Page - List of Unclassifed Manufacturers 4-361-4 Datasheet HTML 41Page - List of Unclassifed Manufacturers 4-361-4 Datasheet HTML 42Page - List of Unclassifed Manufacturers 4-361-4 Datasheet HTML 43Page - List of Unclassifed Manufacturers 4-361-4 Datasheet HTML 44Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
edding 47 FACE PAINTER and FACE PAINTER fun
Professional face paint stick
in 7 brilliant colours.
The face paints are simple to apply,
easily removed with soap and water
and can be washed out of most textiles.
These hypoallergenic face paints
have been dermatologically tested and
meet EU cosmetic guidelines.
Colours: 001–006, 049.
edding 47 FACE PAINTER
Individually packaged (blistercard).
Order no.
Minimum order: 20 blistercards.
4-47S-1-1
edding 47 FACE PAINTER fun
Individually packaged (blistercard).
Order no.
Minimum order: 10 blistercards.
4-47F-1-1
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
40
FACE PAINTER
For decorating skin. Ideal for sporting events, Halloween, children’s birthdays, parties, art, etc. The colours can be
blended together by applying one top of the other. Not suitable for children under the age of 3.
049
006
005
004
003
002
001
~2–4 mm
FIBREPENS
For drawing, lettering, scribbling, layouts, fashion designs. For brief notes. For creative writing and colouring. Various
nib widths. Water-based inks. Extremely lightfast. Large selection of colours.
010
015
009
014
008
012
007
011
006
005
004
003
002
001
041
069
035
066
032
065
031
064
028
020
019
018
017
016
~0.5–1 mm
edding 1200 color pen
Fibrepen with bullet tip,
water-based ink.
Colours: 001–012, 014–020, 028.
Neon colours: 064–066, 069,
Trend colours: 031, 032, 035, 041.
Order no.
Box of 10 in each colour.
4-1200xxx*
Colours 014–020, 028:
Box of 5 in each colour.
1200/10 S Metal box with 10 pens.
Order no.
Colours: 001–010.
4-1200-10
1200/20 S Metal box with 20 pens.
Order no.
Colours: 001–012, 014–020, 028.
4-1200-20


유사한 부품 번호 - 4-361-4

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-3 TEC-4-3 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
184Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-304052-6 TEC-4-304052-6 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
4-305927-0 MACOM-4-305927-0 Datasheet
209Kb / 6P
   Hydraulic Crimping
More results

유사한 설명 - 4-361-4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com