전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

4-383-4 데이터시트(PDF) 39 Page - List of Unclassifed Manufacturers

부품명 4-383-4
상세설명  Every edding a specialist
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

4-383-4 데이터시트(HTML) 39 Page - List of Unclassifed Manufacturers

Back Button 4-383-4 Datasheet HTML 35Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 36Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 37Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 38Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 39Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 40Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 41Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 42Page - List of Unclassifed Manufacturers 4-383-4 Datasheet HTML 43Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
39
*xxx = the last 3 digits of the order number indicate the requested ink colour · Colour chart and key to symbols see on page 63.
edding 4500 T-shirt marker
T-shirt marker with bullet tip,
lightfast, water-based pigment ink
with neutral smell.
Colours: 001–012, 016, 019, 033, 034
and neon colours: 065, 066, 068, 069.
Order no.
Box of 10 in each colour.
4-4500xxx*
Colours assorted: 001–005,
007, 008, 010, 011, 065.
Order no.
Box of 10.
4-4500999
4500/5 S Set with 5 markers.
Order no.
Colours: 001–005.
4-4500-5
edding 4600 T-shirt pen
T-Shirt Pen with bullet tip,
lightfast, water-based pigment ink
with neutral smell.
Colours: 001–012, 016, 019, 033, 034
and neon colours: 065, 066, 068, 069.
Order no.
Box of 10 in each colour.
4-4600xxx*
Colours assorted: 001–008, 010, 065.
Order no.
Box of 10.
4-4600999
4600/10 S Set with 10 pens.
Order no.
Colours: 001–010.
4-4600-10
~1 mm
TEXTILE MARKERS
For colouring, decorating, marking, signing and labelling almost all textiles not treated with a chemical finish
(cotton, silk, linen, etc.). Wash-resistant up to 60°C after fixing. Iron without steam to fix. High degree of
lightfastness. Quick-drying.
~2–3 mm
edding 4090 window marker
Window marker with chisel tip,
water-based liquid chalk with
a neutral smell, wipes off with a
damp cloth from virtually all
non-porous surfaces.
Colours: 001–004, 007, 011, 049
and neon colours: 065, 066, 069.
Order no.
Box of 5 in each colour.
4-4090xxx*
edding 4095 window marker
Window marker with bullet tip,
water-based liquid chalk with a neutral smell,
wipes off with a damp cloth from virtually
all non-porous surfaces.
Colours: 001–004, 011, 049
and neon colours: 065, 066, 069.
Order no.
Box of 10 in each colour.
4-4095xxx*
~2–3 mm
WINDOW MARKERS
For colouring, decorating, marking and writing on windows, glass and other sealed surfaces. Highly opaque, even
on dark and transparent surfaces. Ink flow regulated by a special valve.
069
066
065
049
011
007
004
003
002
001
069
066
065
049
011
004
003
002
001
~4–15 mm
009
008
007
010
006
005
004
003
002
001
068
066
065
069
034
033
019
016
012
011
009
008
007
010
006
005
004
003
002
001
068
066
065
069
034
033
019
016
012
011


유사한 부품 번호 - 4-383-4

제조업체부품명데이터시트상세설명
logo
TE Connectivity Ltd
4-3 TEC-4-3 Datasheet
164Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
184Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-3 TEC-4-3 Datasheet
154Kb / 1P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
4-304052-6 TEC-4-304052-6 Datasheet
657Kb / 10P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
Tyco Electronics
4-305927-0 MACOM-4-305927-0 Datasheet
209Kb / 6P
   Hydraulic Crimping
More results

유사한 설명 - 4-383-4

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
7551 ETC2-7551 Datasheet
33Kb / 1P
   Specialist Wipers
logo
GS Yuasa Battery Sales ...
HJ-S34B20L-A GSYUASABATTERY-HJ-S34B20L-A Datasheet
289Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-A24L GSYUASABATTERY-HJ-A24L Datasheet
464Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20R GSYUASABATTERY-HJ-S34B20R Datasheet
288Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S46B24R GSYUASABATTERY-HJ-S46B24R Datasheet
317Kb / 1P
   Auxiliary, Backup & Specialist Batteries
HJ-S34B20L GSYUASABATTERY-HJ-S34B20L Datasheet
388Kb / 1P
   Auxiliary, Backup & Specialist Batteries
logo
Weidmuller
2593410000 WEIDMULLER-2593410000 Datasheet
343Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Arduino
ABX00028 ARDUINO-ABX00028 Datasheet
477Kb / 12P
   Arduino® Nano Every
03/08/2022
logo
Weidmuller
2593400000 WEIDMULLER-2593400000 Datasheet
528Kb / 4P
   Measuring transducer, every Rogowski coil, 100??000 A
logo
Bothhand USA, LP.
LG2P109NM-LF BOTHHAND-LG2P109NM-LF Datasheet
266Kb / 2P
   Magnetic designs to support every PHY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com