전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7173-8BCPZ-RL 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD7173-8BCPZ-RL
상세설명  Low Power, 8-/16-Channel, 31.25 kSPS, 24-Bit, Highly Integrated Sigma-Delta ADC
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7173-8BCPZ-RL 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD7173-8BCPZ-RL Datasheet HTML 2Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 3Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 4Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 5Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 6Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 7Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 8Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 9Page - Analog Devices AD7173-8BCPZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
AD7173-8
Data Sheet
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
POWER DISSIPATION
Full Operating Mode
Unbuffered, external clock and reference;
AVDD1 = 3.3 V, AVDD2 = 2 V, IOVDD = 2 V
3
mW
Unbuffered, external clock and reference;
all supplies = 5 V
7.35
mW
Unbuffered, external clock and reference;
all supplies = 5.5 V
9.96
mW
Fully buffered, internal clock and reference
(note that REFOUT has no load); AVDD1 = 3.3 V,
AVDD2 = 2 V, IOVDD = 2 V
10.4
mW
Fully buffered, internal clock and reference
(note that REFOUT has no load); all supplies =
5 V
20.4
mW
Fully buffered, internal clock and reference
(note that REFOUT has no load); all supplies =
5.5 V
28
mW
Standby Mode
Reference off, all supplies = 5 V
125
µW
Reference on, all supplies = 5 V
2
mW
Power-Down Mode
Full power-down, all supplies = 5 V
10
µW
Full power-down, all supplies = 5.5 V
55
µW
1
Specification is not production tested but is supported by characterization data at the initial product release.
2
Following a system or internal zero-scale calibration, the offset error is in the order of the noise for the programmed output data rate selected. A system full-scale
calibration reduces the gain error to the order of the noise for the programmed output data rate.
3
This specification is noncumulative and includes MSL preconditioning effects.
4
This specification includes MSL preconditioning effects.
Rev. 0 | Page 6 of 64


유사한 부품 번호 - AD7173-8BCPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7170 AD-AD7170 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170 AD-AD7170 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
AD7170BCPZ-500RL7 AD-AD7170BCPZ-500RL7 Datasheet
370Kb / 15P
   12-Bit Low Power Sigma-Delta ADC
AD7170BCPZ-REEL7 AD-AD7170BCPZ-REEL7 Datasheet
271Kb / 16P
   12-Bit Low Power Sigma-Delta ADC
REV. 0
More results

유사한 설명 - AD7173-8BCPZ-RL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7172-4 AD-AD7172-4 Datasheet
1Mb / 61P
   Low Power, 24-Bit, 31.25 kSPS, Sigma-Delta ADC with True Rail-to-Rail Buffers
AD7796 AD-AD7796_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD7797 AD-AD7797_15 Datasheet
561Kb / 24P
   Low Power, 16-/24-Bit Sigma-Delta ADC
REV. A
AD4114 AD-AD4114 Datasheet
549Kb / 49P
   Single Supply, Multichannel, 31.25 kSPS, 24-Bit, Sigma-Delta ADC with 짹10 V Inputs
AD7722 AD-AD7722 Datasheet
526Kb / 24P
   16-Bit, 195 kSPS CMOS, Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171 Datasheet
284Kb / 16P
   16-Bit Low Power Sigma-Delta ADC
REV. 0
AD7171 AD-AD7171_17 Datasheet
313Kb / 17P
   16-Bit, Low Power, Sigma-Delta ADC
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7787 AD-AD7787 Datasheet
326Kb / 20P
   Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. 0
AD7765 AD-AD7765_15 Datasheet
1Mb / 33P
   24-Bit, 156 kSPS, 112 dB Sigma-Delta ADC
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com