전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9249-65EBZ 데이터시트(PDF) 7 Page - Analog Devices

부품명 AD9249-65EBZ
상세설명  16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9249-65EBZ 데이터시트(HTML) 7 Page - Analog Devices

Back Button AD9249-65EBZ Datasheet HTML 3Page - Analog Devices AD9249-65EBZ Datasheet HTML 4Page - Analog Devices AD9249-65EBZ Datasheet HTML 5Page - Analog Devices AD9249-65EBZ Datasheet HTML 6Page - Analog Devices AD9249-65EBZ Datasheet HTML 7Page - Analog Devices AD9249-65EBZ Datasheet HTML 8Page - Analog Devices AD9249-65EBZ Datasheet HTML 9Page - Analog Devices AD9249-65EBZ Datasheet HTML 10Page - Analog Devices AD9249-65EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
Data Sheet
AD9249
Rev. 0 | Page 7 of 36
SWITCHING SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −1.0 dBFS, unless otherwise noted.
Table 4.
Parameter1, 2
Symbol
Temp
Min
Typ
Max
Unit
CLOCK3
Input Clock Rate
Full
10
520
MHz
Conversion Rate
Full
10
65
MSPS
Clock Pulse Width High
tEH
Full
7.69
ns
Clock Pulse Width Low
tEL
Full
7.69
ns
OUTPUT PARAMETERS3
Propagation Delay
tPD
Full
1.5
2.3
3.1
ns
Rise Time (20% to 80%)
tR
Full
300
ps
Fall Time (20% to 80%)
tF
Full
300
ps
FCO±1, FCO±2 Propagation Delay
tFCO
Full
1.5
2.3
3.1
ns
DCO±1, DCO±2 Propagation Delay4
tCPD
Full
tFCO + (tSAMPLE/28)
ns
DCO±1, DCO±2 to Data Delay4
tDATA
Full
(tSAMPLE/28) − 300
(tSAMPLE/28)
(tSAMPLE/28) + 300
ps
DCO±1, DCO±2 to FCO±1, FCO±2 Delay4
tFRAME
Full
(tSAMPLE/28) − 300
(tSAMPLE/28)
(tSAMPLE/28) + 300
ps
Data to Data Skew
tDATA-MAX − tDATA-MIN
Full
±50
±200
ps
Wake-Up Time (Standby)
25°C
35
μs
Wake-Up Time (Power-Down)5
25°C
375
μs
Pipeline Latency
Full
16
Clock
cycles
APERTURE
Aperture Delay
tA
25°C
1
ns
Aperture Uncertainty (Jitter)
tJ
25°C
135
fs rms
Out-of-Range Recovery Time
25°C
1
Clock
cycles
1
See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details on how these tests were completed.
2
Measured on standard FR-4 material.
3
Adjustable using the SPI.
4
tSAMPLE/28 is based on the number of bits, divided by 2, because the delays are based on half duty cycles. tSAMPLE = 1/fSAMPLE.
5
Wake-up time is defined as the time required to return to normal operation from power-down mode.


유사한 부품 번호 - AD9249-65EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9249-65EBZ AD-AD9249-65EBZ Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
More results

유사한 설명 - AD9249-65EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9252 AD-AD9252_15 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9252ABCPZ-50 AD-AD9252ABCPZ-50 Datasheet
1Mb / 52P
   Octal, 14-Bit, 50 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219ABCPZ-40 AD-AD9219ABCPZ-40 Datasheet
2Mb / 56P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9633 AD-AD9633_17 Datasheet
1Mb / 42P
   125 MSPS, Serial LVDS 1.8 V ADC
AD9287 AD-AD9287_15 Datasheet
1Mb / 52P
   Quad, 8-Bit, 100 MSPS, Serial LVDS 1.8 V ADC
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com