전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC14538BDWG 데이터시트(PDF) 7 Page - ON Semiconductor

부품명 MC14538BDWG
상세설명  Dual Precision Retriggerable/Resettable Monostable Multivibrator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ONSEMI [ON Semiconductor]
홈페이지  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14538BDWG 데이터시트(HTML) 7 Page - ON Semiconductor

Back Button MC14538BDWG Datasheet HTML 3Page - ON Semiconductor MC14538BDWG Datasheet HTML 4Page - ON Semiconductor MC14538BDWG Datasheet HTML 5Page - ON Semiconductor MC14538BDWG Datasheet HTML 6Page - ON Semiconductor MC14538BDWG Datasheet HTML 7Page - ON Semiconductor MC14538BDWG Datasheet HTML 8Page - ON Semiconductor MC14538BDWG Datasheet HTML 9Page - ON Semiconductor MC14538BDWG Datasheet HTML 10Page - ON Semiconductor MC14538BDWG Datasheet HTML 11Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
MC14538B
http://onsemi.com
7
Figure 8. Typical Error of Pulse Width
Equation versus Temperature
Figure 9. Typical Error of Pulse Width
Equation versus Temperature
-2
-1
0
1
2
-60 -40
-20
0
20
40
60
80
100
120
140
TA, AMBIENT TEMPERATURE (°C)
RX = 100 kW
CX = 0.1 mF
VDD = 15 V
VDD = 10 V
VDD = 5 V
-2.0
-1.0
0
1.0
2.0
3.0
-3.0
-60 -40
-20
0
20
40
60
80
100
120 140
TA, AMBIENT TEMPERATURE (°C)
RX = 100 kW
CX = .002 mF
VDD = 15 V
VDD = 10 V
VDD = 5.0 V
THEORY OF OPERATION
2
Figure 10. Timing Operation
Positive edge re−trigger (pulse lengthening)
Positive edge trigger
1
2
3
4
5
1
3
4
5
RESET
A
B
CX/RX
Q
Vref1
Vref1
Vref1
Vref1
Vref2
Vref2
Vref2
Vref2
T
T
T
Negative edge trigger
Positive edge trigger
Positive edge re−trigger (pulse lengthening)


유사한 부품 번호 - MC14538BDWG

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MC14538BDWG ONSEMI-MC14538BDWG Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
More results

유사한 설명 - MC14538BDWG

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
   DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
   Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
MC14538B ONSEMI-MC14538B_05 Datasheet
151Kb / 12P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
August, 2005 ??Rev. 7
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP_07 Datasheet
361Kb / 9P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD14538B HITACHI-HD14538B Datasheet
116Kb / 8P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
   Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
   Dual precision Monostable Multivibrator (Retriggerable, Resettable)
MC14538B MOTOROLA-MC14538B Datasheet
275Kb / 10P
   DUAL PRECISION RETRIGGERABLE / RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
ON Semiconductor
MC14538B ONSEMI-MC14538B_14 Datasheet
179Kb / 13P
   Dual Precision Retriggerable/Resettable Monostable Multivibrator
July, 2014 ??Rev. 11
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
   Dual Retriggerable Resettable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com