전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

Si5376B-A-GL 데이터시트(PDF) 7 Page - Silicon Laboratories

부품명 Si5376B-A-GL
상세설명  4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SILABS [Silicon Laboratories]
홈페이지  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5376B-A-GL 데이터시트(HTML) 7 Page - Silicon Laboratories

Back Button Si5376B-A-GL Datasheet HTML 3Page - Silicon Laboratories Si5376B-A-GL Datasheet HTML 4Page - Silicon Laboratories Si5376B-A-GL Datasheet HTML 5Page - Silicon Laboratories Si5376B-A-GL Datasheet HTML 6Page - Silicon Laboratories Si5376B-A-GL Datasheet HTML 7Page - Silicon Laboratories Si5376B-A-GL Datasheet HTML 8Page - Silicon Laboratories Si5376B-A-GL Datasheet HTML 9Page - Silicon Laboratories Si5376B-A-GL Datasheet HTML 10Page - Silicon Laboratories Si5376B-A-GL Datasheet HTML 11Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 66 page
background image
Si5376
Rev. 1.0
7
2-Level LVCMOS Input Pins
Input Voltage Low
VIL
VDD =1.71V
0.5
V
VDD =2.25V
0.7
V
Input Voltage High
VIH
VDD =1.89V
1.4
V
VDD =2.25V
1.8
V
LVCMOS Output Pins
Output Voltage Low
VOL
IO = 2 mA
VDD =1.71V
——
0.4
V
Output Voltage Low
IO = 2 mA
VDD =2.25V
——
0.4
V
Output Voltage High
VOH
IO = –2 mA
VDD =1.71V
VDD
0.4
——
V
Output Voltage High
IO = –2 mA
VDD =2.25V
VDD
0.4
——
V
Table 2. DC Characteristics (Continued)
(VDD = 1.8 ± 5%, 2.5 ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Notes:
1.
Current draw is independent of supply voltage.
2.
No under- or overshoot is allowed.
3.
LVPECL outputs require nominal VDD =2.5 V.
4.
LVPECL, CML, LVDS and low-swing LVDS measured with Fo = 622.08 MHz.


유사한 부품 번호 - Si5376B-A-GL

제조업체부품명데이터시트상세설명
logo
Skyworks Solutions Inc.
SI5376B-A-GL SKYWORKS-SI5376B-A-GL Datasheet
786Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results

유사한 설명 - Si5376B-A-GL

제조업체부품명데이터시트상세설명
logo
Silicon Laboratories
SI5374 SILABS-SI5374 Datasheet
352Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5375 SKYWORKS-SI5375 Datasheet
733Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5375 SILABS-SI5375 Datasheet
272Kb / 54P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5374 SKYWORKS-SI5374 Datasheet
796Kb / 69P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.1
SI5376 SKYWORKS-SI5376 Datasheet
786Kb / 66P
   4-PLL ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5369 SILABS-SI5369 Datasheet
518Kb / 84P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5368 SKYWORKS-SI5368 Datasheet
824Kb / 92P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
logo
Silicon Laboratories
SI5324C-C-GM SILABS-SI5324C-C-GM Datasheet
518Kb / 72P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/ JITTER ATTENUATOR
SI5327 SILABS-SI5327 Datasheet
1Mb / 60P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Skyworks Solutions Inc.
SI5319 SKYWORKS-SI5319 Datasheet
1Mb / 50P
   ANY-FREQUENCY PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com