전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LMZ30606RKGR 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 LMZ30606RKGR
상세설명  6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ30606RKGR 데이터시트(HTML) 9 Page - Texas Instruments

Back Button LMZ30606RKGR Datasheet HTML 5Page - Texas Instruments LMZ30606RKGR Datasheet HTML 6Page - Texas Instruments LMZ30606RKGR Datasheet HTML 7Page - Texas Instruments LMZ30606RKGR Datasheet HTML 8Page - Texas Instruments LMZ30606RKGR Datasheet HTML 9Page - Texas Instruments LMZ30606RKGR Datasheet HTML 10Page - Texas Instruments LMZ30606RKGR Datasheet HTML 11Page - Texas Instruments LMZ30606RKGR Datasheet HTML 12Page - Texas Instruments LMZ30606RKGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
LMZ30606
www.ti.com
SNVS995 – JULY 2013
APPLICATION INFORMATION
ADJUSTING THE OUTPUT VOLTAGE
The VADJ control sets the output voltage of the LMZ30606. The output voltage adjustment range is from 0.8V to
3.6V. The adjustment method requires the addition of RSET, which sets the output voltage, the connection of
SENSE+ to VOUT, and in some cases RRT which sets the switching frequency. The RSET resistor must be
connected directly between the VADJ (pin 35) and AGND (pin 33 & 34). The SENSE+ pin (pin 36) must be
connected to VOUT either at the load for improved regulation or at VOUT of the module. The RRT resistor must
be connected directly between the RT/CLK (pin 4) and AGND (pins 33 & 34).
Table 1 gives the standard external RSET resistor for a number of common bus voltages, along with the
recommended RRT resistor for that output voltage.
Table 1. Standard RSET Resistor Values for Common Output Voltages
RESISTORS
OUTPUT VOLTAGE VOUT (V)
0.8
1.2
1.5
1.8
2.5
3.3
RSET (kΩ)
open
2.87
1.65
1.15
0.673
0.459
RRT (kΩ)
1200
715
348
348
348
348
For other output voltages, the value of the required resistor can either be calculated using the following formula,
or simply selected from the range of values given in Table 2.
(1)
Table 2. Standard RSET Resistor Values
VOUT (V)
RSET (kΩ)
RRT (kΩ)
fSW (kHz)
VOUT (V)
RSET (kΩ)
RRT (kΩ)
fSW (kHz)
0.8
open
1200
650
2.3
0.768
348
1000
0.9
11.8
1200
650
2.4
0.715
348
1000
1.0
5.83
1200
650
2.5
0.673
348
1000
1.1
3.83
1200
650
2.6
0.634
348
1000
1.2
2.87
715
750
2.7
0.604
348
1000
1.3
2.32
715
750
2.8
0.576
348
1000
1.4
1.91
715
750
2.9
0.549
348
1000
1.5
1.65
348
1000
3.0
0.523
348
1000
1.6
1.43
348
1000
3.1
0.499
348
1000
1.7
1.27
348
1000
3.2
0.475
348
1000
1.8
1.15
348
1000
3.3
0.459
348
1000
1.9
1.05
348
1000
3.4
0.442
348
1000
2.0
0.953
348
1000
3.5
0.422
348
1000
2.1
0.845
348
1000
3.6
0.412
348
1000
2.2
0.825
348
1000
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LMZ30606


유사한 부품 번호 - LMZ30606RKGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ30606RKGR TI1-LMZ30606RKGR Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
More results

유사한 설명 - LMZ30606RKGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LMZ30606 TI1-LMZ30606 Datasheet
827Kb / 25P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
841Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI1-LMZ30602 Datasheet
885Kb / 25P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602 Datasheet
1Mb / 32P
[Old version datasheet]   2A SIMPLE SWITCHER Power Module with 2.95V-6V Input in QFN Package
LMZ30606 TI-LMZ30606_15 Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI1-LMZ30604 Datasheet
992Kb / 25P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30602 TI-LMZ30602_15 Datasheet
1Mb / 30P
[Old version datasheet]   2A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ30604 TI-LMZ30604_15 Datasheet
1Mb / 30P
[Old version datasheet]   4A SIMPLE SWITCHER짰 Power Module with 2.95V-6V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
LMZ31506H TI1-LMZ31506H Datasheet
1Mb / 30P
[Old version datasheet]   6A SIMPLE SWITCHER Power Module with 4.5V-14.5V Input in QFN Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com