전자부품 데이터시트 검색엔진 |
|
MTP3N25E 데이터시트(PDF) 5 Page - Motorola, Inc |
|
MTP3N25E 데이터시트(HTML) 5 Page - Motorola, Inc |
5 / 8 page MTP3N25E 5 Motorola TMOS Power MOSFET Transistor Device Data DRAIN–TO–SOURCE DIODE CHARACTERISTICS 0.5 0.6 0.7 0.8 0.9 0 1.0 2.0 3.0 VSD, SOURCE–TO–DRAIN VOLTAGE (VOLTS) Figure 8. Gate–To–Source and Drain–To–Source Voltage versus Total Charge Figure 9. Resistive Switching Time Variation versus Gate Resistance RG, GATE RESISTANCE (OHMS) 1 10 100 100 1 tf td(off) td(on) VGS = 0 V TJ = 25°C Figure 10. Diode Forward Voltage versus Current 240 200 160 120 80 40 0 10 6 2 0 QG, TOTAL GATE CHARGE (nC) 12 8 4 1 2 4 6 10 VDS VGS 8 0 Q1 Q2 QT Q3 10 2.5 1.5 0.55 0.65 0.75 0.85 3 5 9 7 0.5 tr VDD = 125 V ID = 3 A VGS = 10 V TJ = 25°C ID = 3 A TJ = 25°C SAFE OPERATING AREA The Forward Biased Safe Operating Area curves define the maximum simultaneous drain–to–source voltage and drain current that a transistor can handle safely when it is for- ward biased. Curves are based upon maximum peak junc- tion temperature and a case temperature (TC) of 25°C. Peak repetitive pulsed power limits are determined by using the thermal response data in conjunction with the procedures discussed in AN569, “Transient Thermal Resistance–General Data and Its Use.” Switching between the off–state and the on–state may tra- verse any load line provided neither rated peak current (IDM) nor rated voltage (VDSS) is exceeded and the transition time (tr,tf) do not exceed 10 µs. In addition the total power aver- aged over a complete switching cycle must not exceed (TJ(MAX) – TC)/(R θJC). A Power MOSFET designated E–FET can be safely used in switching circuits with unclamped inductive loads. For reli- able operation, the stored energy from circuit inductance dis- sipated in the transistor while in avalanche must be less than the rated limit and adjusted for operating conditions differing from those specified. Although industry practice is to rate in terms of energy, avalanche energy capability is not a con- stant. The energy rating decreases non–linearly with an in- crease of peak current in avalanche and peak junction temperature. Although many E–FETs can withstand the stress of drain– to–source avalanche at currents up to rated pulsed current (IDM), the energy rating is specified at rated continuous cur- rent (ID), in accordance with industry custom. The energy rat- ing must be derated for temperature as shown in the accompanying graph (Figure 12). Maximum energy at cur- rents below rated continuous ID can safely be assumed to equal the values indicated. |
유사한 부품 번호 - MTP3N25E |
|
유사한 설명 - MTP3N25E |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |