전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MLX90620 데이터시트(PDF) 6 Page - Melexis Microelectronic Systems

부품명 MLX90620
상세설명  High precision non-contact temperature measurements
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MELEXIS [Melexis Microelectronic Systems]
홈페이지  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX90620 데이터시트(HTML) 6 Page - Melexis Microelectronic Systems

Back Button MLX90620 Datasheet HTML 2Page - Melexis Microelectronic Systems MLX90620 Datasheet HTML 3Page - Melexis Microelectronic Systems MLX90620 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX90620 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX90620 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX90620 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX90620 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX90620 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX90620 Datasheet HTML 10Page - Melexis Microelectronic Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 39 page
background image
MLX90620
16x4 IR array
3001090620
Page 6 of 40
Datasheet IR16x4
Rev 4.0
19 September 2012
4 Pin definition and description
Bottom view
2 - SDA
4 - VSS
3 - VDD
1 - SCL
Figure 1 Pin description
Pin Name
Function
SCL
Serial clock input for 2 wire communications protocol
SDA
Digital input / output 2 wire communications protocol.
VDD
External supply voltage
VSS
Ground (case)
Table 3 Pin description for MLX90620


유사한 부품 번호 - MLX90620

제조업체부품명데이터시트상세설명
logo
Melexis Microelectronic...
MLX90621 MELEXIS-MLX90621 Datasheet
1Mb / 44P
   16x4 IR array
More results

유사한 설명 - MLX90620

제조업체부품명데이터시트상세설명
logo
DIWELL Electronics Co.,...
TBP DIWELL-TBP Datasheet
1Mb / 5P
   Non-contact Infrared Temperature Sensor
Ver1.0
DTP DIWELL-DTP Datasheet
1Mb / 3P
   Non-contact Infrared Temperature Sensor
1.0.1.
TB-SERIES DIWELL-TB-SERIES Datasheet
1Mb / 5P
   Non-contact Infrared Temperature Sensor
1.0.0
DTPA-UART-3232 DIWELL-DTPA-UART-3232 Datasheet
1Mb / 3P
   Non-contact 32ⅹ32 Pixel Infrared Temperature Sensor
1.0.0
DTPA-UART DIWELL-DTPA-UART Datasheet
1Mb / 3P
   Non-contact 32ⅹ32 Pixel Infrared Temperature Sensor
Ver1.0
DTPA-UART-0808S DIWELL-DTPA-UART-0808S Datasheet
1Mb / 3P
   Non-contact 8x8 Pixel Infrared Temperature Sensor
Version 1.0.0
DTPA-UART-1616S DIWELL-DTPA-UART-1616S Datasheet
988Kb / 3P
   Non-contact 16x16 Pixel Infrared Temperature Sensor
Version 1.0.0
logo
ALPS ELECTRIC CO.,LTD.
RDCC0 ALPS-RDCC0 Datasheet
946Kb / 4P
   Non-contact magnetic rotary sensor achieving high precision and long life
logo
Coolgear Inc.
CG-USB30ISO COOLGEAR-CG-USB30ISO Datasheet
257Kb / 3P
   Basic Measurements Port Measurements
4/5/2021
CG-31G1EA4K COOLGEAR-CG-31G1EA4K Datasheet
252Kb / 3P
   Basic Measurements Port Measurements
7/30/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com