전자부품 데이터시트 검색엔진 |
|
LCA10-10-L 데이터시트(PDF) 1 Page - PANDUIT CORP. |
|
LCA10-10-L 데이터시트(HTML) 1 Page - PANDUIT CORP. |
1 / 4 page Wire range taking capability Designed to terminate #14 – #10 AWG stranded and #12 – #10 AWG solid copper code conductors Offers a single lug to terminate a range of conductor sizes, resulting in lower inventory costs Inspection window Permits viewing of cable placement inside the barrel Allows for visual verification of proper cable insertion before and after crimping Electro tin plated Provides corrosion resistance Provides for long term, durable terminations Copper Compression Lugs For Terminating #14 – #10 AWG Copper Conductors Everywhere y Everywhere you need us! ou need us! PANDUIT ® offers copper compression lugs for terminating #14 – #10 AWG copper conductors. The lugs are available in standard and long barrel lengths, offered with one or two mounting holes, in straight, 45° and 90° bent configurations. These lugs can be crimped with a wide variety of PANDUIT ® crimp tools for UL Listed and CSA Certified terminations. Building on the existing line of lugs for #8 AWG – 1000 kcmil, PANDUIT ® copper compression lugs meet the requirements of virtually any application. Seamless copper tubing features, advantages and benefits Eliminates split seams when crimped, providing a tongue with double material thickness Provides terminations with premium electrical performance and mechanical strength UL Listed and CSA Certified electrical terminations Meets the standards of independent safety testing organization: Underwriters Laboratories, Inc. and Canadian Standards Association Provides reliable, high quality electrical terminations ELECTRICAL GR OUP |
유사한 부품 번호 - LCA10-10-L |
|
유사한 설명 - LCA10-10-L |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |