전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5293BRUZ-100-RL7 데이터시트(PDF) 6 Page - Analog Devices

부품명 AD5293BRUZ-100-RL7
상세설명  Single-Channel, 1024-Position, 1percent R-Tolerance Digital Potentiometer
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5293BRUZ-100-RL7 데이터시트(HTML) 6 Page - Analog Devices

Back Button AD5293BRUZ-100-RL7 Datasheet HTML 2Page - Analog Devices AD5293BRUZ-100-RL7 Datasheet HTML 3Page - Analog Devices AD5293BRUZ-100-RL7 Datasheet HTML 4Page - Analog Devices AD5293BRUZ-100-RL7 Datasheet HTML 5Page - Analog Devices AD5293BRUZ-100-RL7 Datasheet HTML 6Page - Analog Devices AD5293BRUZ-100-RL7 Datasheet HTML 7Page - Analog Devices AD5293BRUZ-100-RL7 Datasheet HTML 8Page - Analog Devices AD5293BRUZ-100-RL7 Datasheet HTML 9Page - Analog Devices AD5293BRUZ-100-RL7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD5293
Rev. D | Page 6 of 24
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DYNAMIC CHARACTERISTICS4, 8
Bandwidth
BW
−3 dB
kHz
RAB = 50 kΩ
210
RAB = 100 kΩ
105
Total Harmonic Distortion
THDW
VA = 1 V rms, VB = 0 V, f = 1 kHz
RAB = 50 kΩ
−101
dB
RAB = 100 kΩ
−106
dB
VW Settling Time
tS
VA = 30 V, VB = 0 V, ±0.5 LSB error
band, initial code = zero scale
Code = full scale, R-normal mode
750
ns
Code = full scale, R-perf mode
2.5
μs
Code = half scale, R-normal mode,
RAB = 50 kΩ
7
μs
Code = half scale, R-normal mode,
RAB = 100 kΩ
14
μs
Code = half scale, R-perf mode,
RAB = 50 kΩ
9
μs
Code = half scale, R-perf mode,
RAB = 100 kΩ
16
μs
Resistor Noise Density
eN_WB
Code = half scale, TA = 25°C,
0 kHz to 200 kHz,
RAB = 50 kΩ
18
nV/√Hz
RAB = 100 kΩ
27
nV/√Hz
1 Typicals represent average readings at 25°C; VDD = +15 V, VSS = −15 V, and VLOGIC = 5 V.
2 Resistor position nonlinearity error. R-INL is the deviation from an ideal value measured between RWB at Code 0x00B to Code 0x3FF or between RWA at Code 0x3F3 to
Code 0x000. R-DNL measures the relative step change from ideal between successive tap positions. The specification is guaranteed in resistor performance mode with
a wiper current of 1 mA for VA < 12 V and 1.2 mA for VA ≥ 12 V.
3 The terms resistor performance mode and R-perf mode are used interchangeably.
4 Guaranteed by design; not subject to production test.
5 INL and DNL are measured at VW with the RDAC configured as a potentiometer divider similar to a voltage output DAC. VA = VDD and VB = 0 V. DNL specification limits
of ±1 LSB maximum are guaranteed monotonic operating conditions.
6 The A, B, and W resistor terminals have no limitations on polarity with respect to each other. Dual-supply operation enables ground-referenced bipolar signal
adjustment.
7 PDISS is calculated from (IDD × VDD) + (ISS × VSS) + (ILOGIC × VLOGIC).
8 All dynamic characteristics use VDD = +15 V, VSS = −15 V, and VLOGIC = 5 V.
RESISTOR PERFORMANCE MODE CODE RANGE—50 kΩ AND 100 kΩ VERSIONS
Table 4.
RAB = 50 kΩ
RAB = 100 kΩ
|VDD − VSS| = 26 V to 33 V
|VDD − VSS| = 21 V to 26 V
|VDD − VSS| = 26 V to 33 V
|VDD − VSS| = 21 V to 26 V
Resistor Tolerance
per Code
RWB
RWA
RWB
RWA
RWB
RWA
RWB
RWA
1% R-Tolerance
From 0x08C
to 0x3FF
From 0x000
to 0x35F
From 0x0B4
to 0x3FF
From 0x000
to 0x31E
From 0x04B
to 0x3FF
From 0x000
to 0x3B4
From 0x064
to 0x3FF
From 0x000
to 0x39B
2% R-Tolerance
From 0X03C
to 0x3FF
From 0x000
to 0x3C3
From 0x050
to 0x3FF
From 0x000
to 0x3AF
From 0x028
to 0x3FF
From 0x000
to 0x3D7
From 0x028
to 0x3FF
From 0x000
to 0x3D7
3% R-Tolerance
From 0X028
to 0x3FF
From 0x000
to 0x3D7
From 0x032
to 0x3FF
From 0x000
to 0x3CD
From 0x019
to 0x3FF
From 0x000
to 0x3E6
From 0x019
to 0x3FF
From 0x000
to 0x3E6


유사한 부품 번호 - AD5293BRUZ-100-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5293BRUZ-100-RL7 AD-AD5293BRUZ-100-RL7 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
More results

유사한 설명 - AD5293BRUZ-100-RL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5293 AD-AD5293_16 Datasheet
741Kb / 24P
   Single-Channel, 1024-Position, R-Tolerance Digital Potentiometer
AD5293 AD-AD5293 Datasheet
686Kb / 20P
   Single-Channel, 1024-Position, 1% R-Tolerance Digital Potentiometer
REV. 0
AD5231 AD-AD5231_15 Datasheet
536Kb / 28P
   Nonvolatile Memory, 1024-Position Digital Potentiometer
REV. D
AD5235 AD-AD5235_15 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5235-EP AD-AD5235-EP Datasheet
376Kb / 16P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
REV. 0
AD5235BRUZ250 AD-AD5235BRUZ250 Datasheet
788Kb / 32P
   Nonvolatile Memory, Dual 1024-Position Digital Potentiometer
Rev. F
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com