전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5399YRM-REEL7 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD5399YRM-REEL7
상세설명  Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5399YRM-REEL7 데이터시트(HTML) 3 Page - Analog Devices

  AD5399YRM-REEL7 Datasheet HTML 1Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 2Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 3Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 4Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 5Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 6Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 7Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 8Page - Analog Devices AD5399YRM-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AD5399
Rev. D | Page 3 of 12
SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
VDD = 5 V ± 10%, –40°C < TA < +105°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Conditions
Min
Typ1
Max
Unit
DC CHARACTERISTICS
Resolution
N
12
Bits
Differential Nonlinearity Error
DNL
–1
±0.5
+1
LSB
Codes 2048 to 2052, due to int. op amp offset
–1.2
±0.5
+1.2
LSB
Integral Nonlinearity Error
INL
–0.4
±0.02
+0.4
%FS
Positive Full-Scale Error
V+FSE
Code = 0xF
–0.75
–0.15
+0.75
%FS
Bipolar Zero-Scale Error
VBZSE
Code = 0x000
–0.75
–0.15
+0.75
%FS
Negative Full-Scale Error
V–FSE
Code = 0x800
–0.75
–0.15
+0.75
%FS
ANALOG OUTPUTS
Nominal Positive Full-Scale
VOUTA/B
Code = 0x7FF
4
V
Positive Full-Scale Tempco2
TCVOUTA/B
Code = 0x7FF, TA = 0°C to 70°C
–40
±10
+40
ppm/°C
Code = 0xFF, TA = –40°C to +105°C
–60
±10
+60
ppm/°C
Nominal VBZ Output Voltage
VBZ
1.995
2.000
2.004
V
Bipolar Zero Output Resistance2
RBZ
1
VBZ Output Voltage Tempco
TCVBZ
TA = 0°C to 70°C
–40
±10
+40
ppm/°C
TA = –40°C to +105°C
–60
±10
+60
ppm/°C
Nominal Peak-to-Peak Output Swing
|V+FS| + |V–FS|
Code 0x7FF to Code 0x800
4
V
DIGITAL INPUTS
Input Logic High
VIH
VDD = 5 V
2.4
V
Input Logic Low
VIL
VDD = 5 V
0.8
V
Input Current
IIL
VIN = 0 V or 5 V, VDD = 5 V
±1
µA
Input Capacitance2
CIL
5
pF
POWER SUPPLIES
Power Supply Range
VDD RANGE
4.5
5.5
V
Supply Current
IDD
VIH = VDD or VIL = 0 V
1.8
2.6
mA
Supply Current in Shutdown
IDD_SHDN
VIH = VDD or VIL = 0 V, B14 = 0, TA = 0°C to 105°C
10
100
µA
VIH = VDD or VIL = 0 V, B14 = 0, TA = –40°C to 0°C
100
500
µA
Power Dissipation3
PDISS
VIH = VDD or VIL = 0 V, VDD = 5.5 V
9
13
mW
Power Supply Sensitivity
PSS
∆VDD = 5 V ± 10%
–0.006
+0.003
+0.006
%/%
DYNAMIC CHARACTERISTICS2
Settling Time
tS
0.1% error band
0.8
µs
Digital Feedthrough
Q
10
nV-s
Bipolar Zero-Scale Glitch
G
10
nV-s
Capacitive Load Driving Capability
CL
No oscillation
1000
pF
INTERFACE TIMING CHARACTERISTICS2, 4
SCLK Cycle Frequency
tCYC
33
MHz
SCLK Clock Cycle Time
t1
30
ns
Input Clock Pulse Width
t2, t3
Clock level low or high
15
ns
Data Setup Time
t4
5
ns
Data Hold Time
t5
0
ns
CS to SCLK Active Edge Setup Time
t6
5
ns
SCLK to CS Hold Time
t7
0
ns
Repeat Programming, CS High Time
t8
30
ns
1 Typical values represent average readings at 25°C and VDD = 5 V.
2 Guaranteed by design and not subject to production test.
3 PDISS is calculated from (IDD × VDD). CMOS logic level inputs result in minimum power dissipation.
4 See timing diagram (Figure 5) for location of measured values. All input control voltages are specified with tR = tF = 2 ns (10% to 90% of 3 V) and timed from a voltage
level of 1.5 V. Switching characteristics are measured using VDD = 5 V. Input logic should have a 1 V/µs minimum slew rate.


유사한 부품 번호 - AD5399YRM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5399YRM-REEL7 AD-AD5399YRM-REEL7 Datasheet
336Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
More results

유사한 설명 - AD5399YRM-REEL7

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5399 AD-AD5399 Datasheet
336Kb / 12P
   Twos Complement, Dual 12-Bit DAC with Internal REF and Fast Settling Time
REV. D
AD5329 AD-AD5329_15 Datasheet
125Kb / 4P
   Twos Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
logo
National Semiconductor ...
DM93S43 NSC-DM93S43 Datasheet
108Kb / 4P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
List of Unclassifed Man...
93S43 ETC1-93S43 Datasheet
304Kb / 3P
   4-BIT BY 2-BIT TWOS COMPLEMENT MULTIPLIER
logo
Texas Instruments
SN54LS384 TI-SN54LS384 Datasheet
239Kb / 6P
[Old version datasheet]   8-BIT BY 1-BIT TWOS-COMPLEMENT MULTIPLIERS
logo
Wolfson Microelectronic...
WM2638 WOLFSON-WM2638 Datasheet
360Kb / 11P
   Dual 12-Bit Serial Input Voltage Output DAC with Internal reference
logo
Texas Instruments
DAC61402 TI-DAC61402 Datasheet
4Mb / 52P
[Old version datasheet]   DAC61402 Dual, 12-Bit, High-Voltage-Output DAC With Internal Reference
logo
Linear Technology
LTC1821 LINER-LTC1821 Datasheet
220Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
LTC1821 LINER-LTC1821_15 Datasheet
231Kb / 16P
   16-Bit, Ultra Precise, Fast Settling VOUT DAC
logo
Analog Devices
AD5329 AD-AD5329 Datasheet
124Kb / 4P
   Two?셲 Complement Dual, 12-Bit DACs
REV PrC, 20 DEC 99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com