전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9219-65EBZ 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD9219-65EBZ
상세설명  Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9219-65EBZ 데이터시트(HTML) 4 Page - Analog Devices

  AD9219-65EBZ Datasheet HTML 1Page - Analog Devices AD9219-65EBZ Datasheet HTML 2Page - Analog Devices AD9219-65EBZ Datasheet HTML 3Page - Analog Devices AD9219-65EBZ Datasheet HTML 4Page - Analog Devices AD9219-65EBZ Datasheet HTML 5Page - Analog Devices AD9219-65EBZ Datasheet HTML 6Page - Analog Devices AD9219-65EBZ Datasheet HTML 7Page - Analog Devices AD9219-65EBZ Datasheet HTML 8Page - Analog Devices AD9219-65EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
AD9219
Data Sheet
Rev. E | Page 4 of 56
SPECIFICATIONS
AVDD = 1.8 V, DRVDD = 1.8 V, 2 V p-p differential input, 1.0 V internal reference, AIN = −0.5 dBFS, unless otherwise noted.
Table 1.
AD9219-40
AD9219-65
Parameter1
Temperature
Min
Typ
Max
Min
Typ
Max
Unit
RESOLUTION
10
10
Bits
ACCURACY
No Missing Codes
Full
Guaranteed
Guaranteed
Offset Error
Full
±1
±8
±1
±8
mV
Offset Matching
Full
±2
±8
±2
±8
mV
Gain Error
Full
±0.4
±1.2
±2
±3.5
% FS
Gain Matching
Full
±0.3
±0.7
±0.3
±0.7
% FS
Differential Nonlinearity (DNL)
Full
±0.1
±0.4
±0.15
±0.4
LSB
Integral Nonlinearity (INL)
Full
±0.15
±0.4
±0.3
±0.75
LSB
TEMPERATURE DRIFT
Offset Error
Full
±2
±2
ppm/°C
Gain Error
Full
±17
±17
ppm/°C
Reference Voltage (1 V Mode)
Full
±21
±21
ppm/°C
REFERENCE
Output Voltage Error (VREF = 1 V)
Full
±2
±30
±2
±30
mV
Load Regulation at 1.0 mA (VREF = 1 V)
Full
3
3
mV
Input Resistance
Full
6
6
ANALOG INPUTS
Differential Input Voltage (VREF = 1 V)
Full
2
2
V p-p
Common-Mode Voltage
Full
AVDD/2
AVDD/2
V
Differential Input Capacitance
Full
7
7
pF
Analog Bandwidth, Full Power
Full
315
315
MHz
POWER SUPPLY
AVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
DRVDD
Full
1.7
1.8
1.9
1.7
1.8
1.9
V
IAVDD
Full
130
142
177
190
mA
IDRVDD
Full
30
32
33
37
mA
Total Power Dissipation (Including Output Drivers)
Full
295
313
378
408
mW
Power-Down Dissipation
Full
2
5.8
2
5.8
mW
Standby Dissipation2
Full
72
72
mW
CROSSTALK
Full
−100
−100
dB
CROSSTALK (Overrange Condition)3
Full
−100
−100
dB
1 See the AN-835 Application Note, Understanding High Speed ADC Testing and Evaluation, for definitions and for details of how these tests were completed.
2 Can be controlled via the SPI.
3 Overrange condition is specific with 6 dB of the full-scale input range.


유사한 부품 번호 - AD9219-65EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9219-65EBZ AD-AD9219-65EBZ Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
More results

유사한 설명 - AD9219-65EBZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9219 AD-AD9219_17 Datasheet
1Mb / 57P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V ADC
AD9212 AD-AD9212_15 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9212 AD-AD9212_11 Datasheet
1Mb / 56P
   Octal, 10-Bit, 40 MSPS/65 MSPS, Serial LVDS, 1.8 V ADC
Rev. E
AD9219 AD-AD9219 Datasheet
1Mb / 52P
   Quad, 10-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_07 Datasheet
1Mb / 52P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. B
AD9259 AD-AD9259_15 Datasheet
1Mb / 52P
   Quad, 14-Bit, 50 MSPS Serial LVDS 1.8 V ADC
Rev. E
AD9249 AD-AD9249_17 Datasheet
1Mb / 37P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
AD9249 AD-AD9249 Datasheet
1Mb / 36P
   16 Channel, 14-Bit, 65 MSPS, Serial LVDS, 1.8 V ADC
REV. 0
AD9228 AD-AD9228 Datasheet
1Mb / 52P
   Quad, 12-bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
REV. 0
AD9228 AD-AD9228_15 Datasheet
2Mb / 56P
   Quad, 12-Bit, 40/65 MSPS Serial LVDS 1.8 V A/D Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com