전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZSR800GTA 데이터시트(PDF) 15 Page - Zetex Semiconductors

부품명 ZSR800GTA
상세설명  3.0 to 12 volt fixed positive local voltage regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ZETEX [Zetex Semiconductors]
홈페이지  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZSR800GTA 데이터시트(HTML) 15 Page - Zetex Semiconductors

Back Button ZSR800GTA Datasheet HTML 10Page - Zetex Semiconductors ZSR800GTA Datasheet HTML 11Page - Zetex Semiconductors ZSR800GTA Datasheet HTML 12Page - Zetex Semiconductors ZSR800GTA Datasheet HTML 13Page - Zetex Semiconductors ZSR800GTA Datasheet HTML 14Page - Zetex Semiconductors ZSR800GTA Datasheet HTML 15Page - Zetex Semiconductors ZSR800GTA Datasheet HTML 16Page - Zetex Semiconductors ZSR800GTA Datasheet HTML 17Page - Zetex Semiconductors ZSR800GTA Datasheet HTML 18Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
ZSR SERIES
Issue 9 - October 2007
15
www.zetex.com
© Zetex Semiconductors plc 2007
ZSR285 test conditions
=6.85V
ZSR400 test conditions (Unless otherwise stated):Tj=25°C, IO=100mA, Vin=8V
NOTES:
(
)Tj=-55 to 125°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
2.78
2.85
2.92
V
IO=1 to 200mA()
2.735
2.964
V
Vin=4.85 to 20V
IO =1 to 100mA()
2.736
2.964
V
VO
Line regulation
Vin=4.85 to 20V
10
40
mV
VO
Load regulation
IO=1 to 200mA
5
25
mV
IO=1 to 100mA
2
mV
Ig
Quiescent current
()
350
600
A
Ig
Quiescent current change IO=1 to 200mA
100
A
Vin=4.85 to 20V
100
A
Vn
Output noise voltage
f=10Hz to 10Hz
75
V rms
Vin/VO
Ripple rejection
Vin=5.85 to 218V
48
62
dB
f=120Hz
Vin
Input voltage required to
maintain regulation
4.85
4.55
V
VO/ T
Average temperature
coefficient of VO
IO=5.0mA()
0.1
mV/°C
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VO
Output Voltage
3.9
4.0
4.1
V
IO=1 to 200mA()
3.84
4.16
V
Vin=6 to 20V
IO =1 to 100mA()
3.84
4.16
V
VO
Line regulation
Vin=6 to 20V
10
40
mV
VO
Load regulation
IO=1 to 200mA
5
25
mV
IO=1 to 100mA
2
mV
Ig
Quiescent current
()
350
600
A
Ig
Quiescent current change IO=1 to 200mA
100
A
Vin=6 to 20V
100
A
Vn
Output noise voltage
f=10Hz to 10Hz
75
V rms
Vin/VO
Ripple rejection
Vin=7 to 218V
48
62
dB
f=120Hz
Vin
Input voltage required to
maintain regulation
65.3
V


유사한 부품 번호 - ZSR800GTA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZSR800GTA DIODES-ZSR800GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR800GTA DIODES-ZSR800GTA Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
More results

유사한 설명 - ZSR800GTA

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
ZSR300GTA DIODES-ZSR300GTA Datasheet
615Kb / 18P
   3.0 to 12 volt fixed positive local voltage regulator
ZSR DIODES-ZSR Datasheet
615Kb / 18P
   ZSR SERIES 3.0 to 12 volt fixed positive local voltage regulator
logo
Zetex Semiconductors
ZSR ZETEX-ZSR Datasheet
421Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZSR ZETEX-ZSR_06 Datasheet
653Kb / 17P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L Datasheet
203Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
ZR78L ZETEX-ZR78L_06 Datasheet
418Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Diodes Incorporated
ZR78L05GTA DIODES-ZR78L05GTA Datasheet
207Kb / 18P
   2.85 TO 12 VOLT FIXED POSITIVE LOCAL VOLTAGE REGULATOR
logo
Sensitron
SHD526154 SENSITRON-SHD526154 Datasheet
53Kb / 3P
   POSITIVE FIXED 3.3 VOLT 3.0 AMP VOLTAGE REGULATOR
logo
Zetex Semiconductors
ZSAT500 ZETEX-ZSAT500 Datasheet
85Kb / 6P
   5 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
ZSAT600 ZETEX-ZSAT600 Datasheet
85Kb / 6P
   6 VOLT ENHANCED POSITIVE LOCAL VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com