전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2825N-5.0 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LM2825N-5.0
상세설명  LM2825 Integrated Power Supply 1A DC-DC Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM2825N-5.0 데이터시트(HTML) 1 Page - Texas Instruments

  LM2825N-5.0 Datasheet HTML 1Page - Texas Instruments LM2825N-5.0 Datasheet HTML 2Page - Texas Instruments LM2825N-5.0 Datasheet HTML 3Page - Texas Instruments LM2825N-5.0 Datasheet HTML 4Page - Texas Instruments LM2825N-5.0 Datasheet HTML 5Page - Texas Instruments LM2825N-5.0 Datasheet HTML 6Page - Texas Instruments LM2825N-5.0 Datasheet HTML 7Page - Texas Instruments LM2825N-5.0 Datasheet HTML 8Page - Texas Instruments LM2825N-5.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LM2825
www.ti.com
SNVS127C – MAY 1997 – REVISED APRIL 2013
LM2825 Integrated Power Supply 1A DC-DC Converter
Check for Samples: LM2825
1
FEATURES
DESCRIPTION
The LM2825 is a complete 1A DC-DC Buck converter
Minimum Design Time Required
packaged in a 24-lead molded Dual-In-Line integrated
3.3V, 5V and 12V Fixed Output Versions
circuit package.
Two Adjustable Versions Allow 1.23V to 15V
Contained within the package are all the active and
Outputs
passive components for a high efficiency step-down
Wide Input Voltage Range, up to 40V
(buck) switching regulator. Available in fixed output
voltages of 3.3V, 5V and 12V, as well as two
Low-Power Standby Mode, IQ Typically 65 μA
adjustable versions, these devices can provide up to
High Efficiency, Typically 80%
1A of load current with fully ensured electrical
±4% Output Voltage Tolerance
specifications.
Excellent Line and Load Regulation
Self-contained, this converter is also fully protected
TTL Shutdown Capability/Programmable Soft-
from output fault conditions, such as excessive load
Start
current, short circuits, or excessive temperatures.
Thermal Shutdown and Current Limit
Protection
−40°C to +85°C Ambient Temperature Range
APPLICATIONS
Simple High-Efficiency Step-Down (Buck)
Regulator
On-Card Switching Regulators
Efficient Pre-Regulator for Linear Regulators
Standard Application
Distributed Power Systems
(Fixed output voltage versions)
DC/DC Module Replacement
HIGHLIGHTS
No External Components Required (Fixed
Output Voltage Versions)
Integrated Circuit Reliability
MTBF Over 20 Million Hours
Radiated EMI Meets Class B Stipulated by
Radiated EMI
CISPR 22
Radiated
emission
of
electromagnetic
fields
is
High Power Density, 35 W/in3
measured at 10m distance. The emission levels are
within the Class B limits stipulated by CISPR 22.
24-pin PDIP Package Profile (1.25 x 0.54 x 0.26
Inches)
30. . . .230 MHz
30 dB
μV/m
230. . . .1000 MHz
37 dB
μV/m
1. . . .10 GHz
46 dB
μV/m
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


유사한 부품 번호 - LM2825N-5.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2825N-5.0 NSC-LM2825N-5.0 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Texas Instruments
LM2825N-5.0/NOPB TI1-LM2825N-5.0/NOPB Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
More results

유사한 설명 - LM2825N-5.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2825 TI1-LM2825 Datasheet
976Kb / 21P
[Old version datasheet]   Integrated Power Supply 1A DC-DC Converter
logo
National Semiconductor ...
LM2825 NSC-LM2825 Datasheet
633Kb / 12P
   Integrated Power Supply 1A DC-DC Converter
logo
Maxim Integrated Produc...
MAX17244EVKIT MAXIM-MAX17244EVKIT Datasheet
770Kb / 9P
   14V, 1A DC power supply
Rev 1; 3/17
logo
Monolithic Power System...
MEZD71201A MPS-MEZD71201A Datasheet
455Kb / 2P
   4.5V - 24V Input, 1A, DC/DC Power Supply
logo
Advanced Analogic Techn...
AAT1152 ANALOGICTECH-AAT1152_06 Datasheet
658Kb / 17P
   850kHz 1A Buck DC/DC Converter
logo
TEMIC Semiconductors
U6229B TEMIC-U6229B Datasheet
100Kb / 8P
   DC/DC Converter - Power Supply 28 V
logo
Power Analog Micoelectr...
PAM2309 PAM-PAM2309 Datasheet
424Kb / 16P
   1A Step-Down DC-DC Converter
PAM2305D PAM-PAM2305D Datasheet
389Kb / 14P
   1A Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2305D DIODES-PAM2305D Datasheet
394Kb / 15P
   1A STEP-DOWN DC-DC CONVERTER
PAM2309 DIODES-PAM2309 Datasheet
572Kb / 17P
   1A STEP-DOWN DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com