전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3410XQMF 데이터시트(PDF) 8 Page - Texas Instruments

부품명 LM3410XQMF
상세설명  525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LM3410XQMF 데이터시트(HTML) 8 Page - Texas Instruments

Back Button LM3410XQMF Datasheet HTML 4Page - Texas Instruments LM3410XQMF Datasheet HTML 5Page - Texas Instruments LM3410XQMF Datasheet HTML 6Page - Texas Instruments LM3410XQMF Datasheet HTML 7Page - Texas Instruments LM3410XQMF Datasheet HTML 8Page - Texas Instruments LM3410XQMF Datasheet HTML 9Page - Texas Instruments LM3410XQMF Datasheet HTML 10Page - Texas Instruments LM3410XQMF Datasheet HTML 11Page - Texas Instruments LM3410XQMF Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
Control
ILED
VO
Q1
D1
L1
C1
+
-
VSW
IL
IC
VIN
LM3410, LM3410Q
SNVS541G – OCTOBER 2007 – REVISED MAY 2013
www.ti.com
APPLICATION INFORMATION
THEORY OF OPERATION
The LM3410 is a constant frequency PWM, boost regulator IC. It delivers a minimum of 2.1A peak switch
current. The device operates very similar to a voltage regulated boost converter except that it regulates the
output current through LEDs. The current magnitude is set with a series resistor. This series resistor multiplied by
the LED current creates the feedback voltage (190 mV) which the converter regulates to. The regulator has a
preset switching frequency of either 525 kHz or 1.60 MHz. This high frequency allows the LM3410 to operate
with small surface mount capacitors and inductors, resulting in a DC/DC converter that requires a minimum
amount of board space. The LM3410 is internally compensated, so it is simple to use, and requires few external
components. The LM3410 uses current-mode control to regulate the LED current. The following operating
description of the LM3410 will refer to the Simplified Block Diagram (Figure 13) the simplified schematic
(Figure 14), and its associated waveforms (Figure 15). The LM3410 supplies a regulated LED current by
switching the internal NMOS control switch at constant frequency and variable duty cycle. A switching cycle
begins at the falling edge of the reset pulse generated by the internal oscillator. When this pulse goes low, the
output control logic turns on the internal NMOS control switch. During this on-time, the SW pin voltage (VSW)
decreases to approximately GND, and the inductor current (IL) increases with a linear slope. IL is measured by
the current sense amplifier, which generates an output proportional to the switch current. The sensed signal is
summed with the regulator’s corrective ramp and compared to the error amplifier’s output, which is proportional
to the difference between the feedback voltage and VREF. When the PWM comparator output goes high, the
output switch turns off until the next switching cycle begins. During the switch off-time, inductor current
discharges through diode D1, which forces the SW pin to swing to the output voltage plus the forward voltage
(VD) of the diode. The regulator loop adjusts the duty cycle (D) to maintain a regulated LED current.
Figure 14. Simplified Boost Topology Schematic
8
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: LM3410 LM3410Q


유사한 부품 번호 - LM3410XQMF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3410XQMF/NOPB TI1-LM3410XQMF/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410XQMFX/NOPB TI1-LM3410XQMFX/NOPB Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
More results

유사한 설명 - LM3410XQMF

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM3410 TI1-LM3410_14 Datasheet
1Mb / 44P
[Old version datasheet]   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3410 NSC-LM3410 Datasheet
172Kb / 6P
   525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
LM3410 NSC-LM3410_08 Datasheet
715Kb / 32P
   PowerWise짰 525kHz/1.6MHz, Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
Texas Instruments
LM3410 TI1-LM3410 Datasheet
1Mb / 49P
[Old version datasheet]   Constant Current Boost and SEPIC LED Driver with Internal Compensation
logo
National Semiconductor ...
LM3405A NSC-LM3405A Datasheet
492Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 Package
LM3405A NSC-LM3405A_08 Datasheet
511Kb / 20P
   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT23 and eMSOP Package
logo
Texas Instruments
LM3405A TI1-LM3405A_14 Datasheet
1Mb / 31P
[Old version datasheet]   1.6MHz, 1A Constant Current Buck LED Driver with Internal Compensation in Tiny SOT and MSOP PowerPAD Packages
LM3405AXMY TI-LM3405AXMY Datasheet
1Mb / 32P
[Old version datasheet]   LM3405A 1.6MHz, 1A Constant Current Buck LED Driver with Internal ensation in Tiny SOT and VSSOP PowerPAD Packages
logo
National Semiconductor ...
LM2735 NSC-LM2735_08 Datasheet
746Kb / 42P
   520kHz/1.6MHz - Space-Efficient Boost and SEPIC DC-DC Regulator
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com