전자부품 데이터시트 검색엔진 |
|
PZT3906 데이터시트(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
PZT3906 데이터시트(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD |
|
1 / 1 page WEJ ELECTRONIC CO.,LTD PZT3906 TRANSISTOR (PNP) FEATURES Power dissipation PCM: 1 W (Tamb=25 ℃) Collector current ICM: -0.2 A Collector-base voltage V(BR)CBO: -40 V Operating and storage junction temperature range TJ, Tstg: -55 ℃ to +150℃ ELECTRICAL CHARACTERISTICS (Tamb=25 ℃ unless otherwise specified) Parameter Symbol Test conditions MIN TYP MAX UNIT Collector-base breakdown voltage V(BR)CBO Ic=-10µA,IE=0 -40 V Collector-emitter breakdown voltage V(BR)CEO Ic=-1mA,IB=0 -40 V Emitter-base breakdown voltage V(BR)EBO IE=-10µA,IC=0 -5 V Collector cut-off current ICBO VCB=-30V,IE=0 -0.05 µA Emitter cut-off current ICEO VCE=-30V,IB=0 -0.5 µA hFE(1) VCE=-1V,IC=-0.1mA 60 hFE(2) VCE=-1V,IC=-1mA 80 hFE(3) VCE=-1V,IC=-10mA 100 300 hFE(4) VCE=-1V,IC=-50mA 60 DC current gain hFE(5) VCE=-1V,IC=-100mA 30 VCE(sat) IC=-10mA,IB=-1mA -0.25 V Collector-emitter saturation voltage VCE(sat) IC=-50mA,IB=-5mA -0.4 V VBE(sat) IC=-10mA,IB=-1mA -0.65 -0.85 V Base-emitter saturation voltage VBE(sat) IC=-50mA,IB=-5mA -0.95 V Transition frequency fT VCE=-20V,IC=-10mA,f=100MHz 250 MHz Collector output capacitance Cob VCB=-0.5V,IE=0,f=100KHz 4.5 pF Noise figure NF VCE=-5V,Ic=-0.1mA, f=10HZ to15.7KHz,Rg=1K Ω 4 dB Delay Time td 35 nS Rise Time tr VCC=-3.0Vdc,VBE=-0.5Vdc IC=-10mAdc,IB1=-1.0mAdc 35 nS Storage Time ts 225 nS Fall Time tf VCC=-3.0Vdc,IC=-10mAdc IB1=IB2=-1.0mAdc 75 nS SOT-223 1. BASE 2. COLLECTOR 3. EMITTER PZT3906 Http:// www.wej.cn E-mail:wej@yongerjia.com WEJ ELECTRONIC CO. RoHS |
유사한 부품 번호 - PZT3906 |
|
유사한 설명 - PZT3906 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |