전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-2300 데이터시트(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-2300
상세설명  Large bright, uniform light emitting areas
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-2300 데이터시트(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-2300 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-2300 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-2300 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-2300 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-2300 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-2300 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-2300 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-2300 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-2300 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
High Performance Green HLMP-2500/2800/2965 Series
Parameter
HLMP-
Symbol
Min.
Typ.
Max.
Units
Test Conditions
2500/2800/2820
I
V
525
mcd
I
F = 20 mA
Luminous Intensity
per Lighting Emitting
2550/2835/2855/2870
11
50
mcd
Area[1]
2965[4]
25
50
mcd
2885
22
100
mcd
Peak Wavelength
λ
PEAK
565
nm
Dominant Wavelength[2]
λ
d
572
nm
Forward Voltage per LED
V
F
2.2
2.6
V
I
F = 20 mA
Reverse Breakdown Voltage per LED[5]
V
R
615
V
I
R = 100 µA
Thermal Resistance LED Junction-to-Pin
R
θ
J-PIN
150
°C/W/
LED
Notes:
1. These devices are categorized for luminous intensity. The intensity category is designated by a letter code on the side of the package.
2. The dominant wavelength,
λ
d, is derived from the CIE chromaticity diagram and is the single wavelength which defines the color of the
device. Yellow and Green devices are categorized for dominant wavelength with the color bin designated by a number code on the side
of the package.
3. This is an HER/Yellow bicolor light bar. HER electrical/optical characteristics are shown in the HER table. Yellow electrical/optical
characteristics are shown in the Yellow table.
4. This is an HER/Green bicolor light bar. HER electrical/optical characteristics are shown in the HER table. Green electrical/optical
characteristics are shown in the Green table.
5. Does not apply to HLMP-2950 or HLMP-2965.


유사한 부품 번호 - HLMP-2300

제조업체부품명데이터시트상세설명
logo
QT Optoelectronics
HLMP-2300 QT-HLMP-2300 Datasheet
564Kb / 5P
   LED LIGHT BARS
logo
Agilent(Hewlett-Packard...
HLMP-2300 HP-HLMP-2300 Datasheet
199Kb / 16P
   LED Light Bars
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-2300 AVAGO-HLMP-2300 Datasheet
338Kb / 16P
   LED Light Bars
HLMP-2300 AVAGO-HLMP-2300 Datasheet
997Kb / 5P
   LED LIGHT BARS
logo
Everlight Electronics C...
HLMP-2300 EVERLIGHT-HLMP-2300 Datasheet
997Kb / 5P
   These LED Light Bar series are bright, large emitting area,rectangular devices that are designed for backlighting legend/message annunciators
More results

유사한 설명 - HLMP-2300

제조업체부품명데이터시트상세설명
logo
Lite-On Technology Corp...
LTL-53173Y LITEON-LTL-53173Y Datasheet
151Kb / 5P
   LARGE, BRIGHT, UNIFORM LIGHT EMITTING AREAS
logo
Fairchild Semiconductor
HLMP2450 FAIRCHILD-HLMP2450 Datasheet
770Kb / 6P
   Large area, umiform, bright light-emitting surfaces
logo
Ledil, Inc.
FN16358 LEDIL-FN16358 Datasheet
8Mb / 5P
   IESNA Type IV light distribution for wider roads and large outdoor areas
F14563 LEDIL-F14563 Datasheet
2Mb / 8P
   IESNA Type IV light distribution for wider roads and large outdoor areas
F14326 LEDIL-F14326 Datasheet
3Mb / 7P
   IESNA Type IV light distribution for wider roads and large outdoor areas
F15384 LEDIL-F15384 Datasheet
2Mb / 4P
   IESNA Type IV light distribution for wider roads and large outdoor areas
logo
SunLED Corporation
XGURX5D SUNLED-XGURX5D Datasheet
210Kb / 3P
   Uniform light disbursement
XEUR30D SUNLED-XEUR30D Datasheet
222Kb / 3P
   Uniform light disbursement
XEUR2300M SUNLED-XEUR2300M Datasheet
207Kb / 3P
   Uniform light disbursement
XGUGX5D SUNLED-XGUGX5D Datasheet
228Kb / 3P
   Uniform light disbursement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com