전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC847BW 데이터시트(PDF) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

부품명 BC847BW
상세설명  TRANSISTOR (NPN)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
홈페이지  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BC847BW 데이터시트(HTML) 4 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BC847BW Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC847BW Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC847BW Datasheet HTML 3Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BC847BW Datasheet HTML 4Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEJ
ELECTRONIC
CO.,LTD
Typical Characteristics
846AW,BW;BC847AW, BW, CW;BC848AW, BW, CW
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


유사한 부품 번호 - BC847BW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BC847BW PHILIPS-BC847BW Datasheet
50Kb / 8P
   NPN general purpose transistors
1999 Apr 23
logo
Nexperia B.V. All right...
BC847BW NEXPERIA-BC847BW Datasheet
233Kb / 12P
   45 V, 100 mA NPN general-purpose transistors
Rev. 13 - 1 July 2022
logo
Micro Commercial Compon...
BC847BW MCC-BC847BW Datasheet
794Kb / 5P
   NPN General Purpose Transistors
logo
Taiwan Semiconductor Co...
BC847BW TSC-BC847BW Datasheet
334Kb / 5P
   NPN Transistor
logo
Siemens Semiconductor G...
BC847BW SIEMENS-BC847BW Datasheet
272Kb / 8P
   NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage)
More results

유사한 설명 - BC847BW

제조업체부품명데이터시트상세설명
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com