전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS33000 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 TS33000
상세설명  High Efficiency Synchronous DC/DC Buck Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TS33000 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button TS33000 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 9Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 10Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 11Page - List of Unclassifed Manufacturers TS33000 Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
- 8 -
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2012, Triune Systems, LLC
TS33000
Version 1.4
Power Good Output, PG
This is an open drain, active high output. The switched mode output voltage is monitored and the PG line will remain low
until the output voltage reaches the VOUT-UV threshold, approximately 85% of the final regulation output. Once the internal
comparator detects the output voltage is above the desired threshold, an internal 10mSec delay timer is activated and the
PG line is de-asserted to high when this delay timer expires. In the event the output voltage decreases below VOUT-UV, the PG
line will be asserted low immediately and remain low until the output rises above VOUT-UV and the delay timer times out
again. If EN is pulled low, the VCC input undervoltage trips, or Thermal Shutdown is reached, the PG pin will immediately
be pulled low.
nLow Power Mode Output, nLP
This is an input to force the PWM mode when light load is on the output. The PFM low power mode has higher output
voltage ripple, which is some applications may be unacceptable. If low ripple is needed on the output this pin can be tied to
VCC input, or switched above 1.0V during operation to force the device into normal PWM mode.
INTERNAL PROTECTION DETAILS
Internal Current Limit
Current limit is always active when the regulator is enabled. High side current limit will shorten the high side on time and
tri-state the high side. Additionally, low side current limit will protect the low side FET and turn off the switch if current
limit is sensed on the low side switch. Since the output is fully synchronous, the current limit is protected on the low side in
both the positive and negative direction.
Soft Start
Soft start ensures current limit does not prevent regulator startup and minimize overshoot at startup. The typical startup
time is 925us. These values do not change with output voltage, current limit settings, or adjustable/fixed mode. The soft
start is re-triggered with the any rising edge that enables the regulator, including the EN input pins, thermal shutdown, VCC
Undervoltage, or a VCC Power cycle.
Thermal Shutdown
If the temperature of the die exceeds 170C, the VSW outputs will tri-state to protect the device from damage. The PG and all
other protection circuitry will stay active to inform the system of the failure mode. Once the device cools to 160C, the
device will attempt to start up again, following the normal soft start sequence with 10ms delay on PG. If the device reaches
170C, the shutdown/restart sequence will repeat.
Output Overvoltage
If the output of the regulator exceeds 106% of the regulation voltage, the VSW outputs will tri-state to protect the device
from damage. This check occurs at the start of each switching cycle. If it occurs during the middle of a cycle, the switching
for that cycle will complete, and the VSW outputs will tri-state at the beginning of the next cycle.
VCC Under-Voltage Lockout
The device is held in the off state until VCC reaches 1.9V. There is a 100mV hysteresis on this input, which requires the
input to fall below 1.8V before the device will disable.
PERFORMANCE RESULTS
Startup Plots - TBD
Switching Plots -TBD
Load Transient Plots - TBD
Line Transient Plots - TBD
Efficiency Plots - TBD
OSC frequency across temp -TBD
Output voltage across temp –TBD
Line Regulation – TBD
Load Regulation – TBD


유사한 부품 번호 - TS33000

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M008QFNR SEMTECH-TS33000-M008QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M012QFNR SEMTECH-TS33000-M012QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M015QFNR SEMTECH-TS33000-M015QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
TS33000-M018QFNR SEMTECH-TS33000-M018QFNR Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
More results

유사한 설명 - TS33000

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
AP3407 DIODES-AP3407 Datasheet
279Kb / 10P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
logo
Semtech Corporation
TS33000 SEMTECH-TS33000 Datasheet
978Kb / 17P
   High Efficiency Synchronous DC/DC Buck Converter
logo
Diodes Incorporated
AP3418 DIODES-AP3418 Datasheet
522Kb / 11P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
AP72200 DIODES-AP72200 Datasheet
1Mb / 30P
   HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK-BOOST CONVERTER
logo
BCD Semiconductor Manuf...
AP3417A BCDSEMI-AP3417A Datasheet
499Kb / 12P
   1A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3418 BCDSEMI-AP3418 Datasheet
500Kb / 12P
   1.5A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
AP3407,A BCDSEMI-AP3407,A Datasheet
336Kb / 11P
   1.2A, 1.4MHz High Efficiency Synchronous DC-DC Buck Converter
logo
List of Unclassifed Man...
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
ELMOS Semiconductor AG
E521.02 ELMOS-E521.02 Datasheet
1Mb / 82P
   High efficiency 5V DC/DC buck converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com