전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS80000 데이터시트(PDF) 5 Page - List of Unclassifed Manufacturers

부품명 TS80000
상세설명  High Efficiency Transmitter Controller for Wireless Power Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

TS80000 데이터시트(HTML) 5 Page - List of Unclassifed Manufacturers

  TS80000 Datasheet HTML 1Page - List of Unclassifed Manufacturers TS80000 Datasheet HTML 2Page - List of Unclassifed Manufacturers TS80000 Datasheet HTML 3Page - List of Unclassifed Manufacturers TS80000 Datasheet HTML 4Page - List of Unclassifed Manufacturers TS80000 Datasheet HTML 5Page - List of Unclassifed Manufacturers TS80000 Datasheet HTML 6Page - List of Unclassifed Manufacturers TS80000 Datasheet HTML 7Page - List of Unclassifed Manufacturers TS80000 Datasheet HTML 8Page - List of Unclassifed Manufacturers TS80000 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
- 5 -
TS80000
Version 1.2
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright © 2013, Triune Systems, LLC
Triune Systems Proprietary and Confidential Information
DO NOT DUPLICATE
1
1
2
2
3
3
4
4
D
D
C
C
B
B
A
A
3
681 N. Plano Road
Suite 121
Richardson, Texas 75081
3
Wireless Power Transmitter
0.1
6/27/2013
2:40:34 PM
Title
Size:
Number:
Date:
Revision:
Sheet
of
Time:
Letter
12V/5W - 19V/10W FETDR
Triune Systems Proprietary and Confidential Information
Do not distribute or copy.
2.0
R19
VCCIN
100nF
50V
C16
22uF
25V
C17
2.7nF
50V
C25
24uH
L2
TX Inductor
1.0
R13
1.0
R9
100nF
C12
1K
R10
10nF
C14
75K
R25
10K
R26
4.7nF
C28
VCC3V3A
200K
R18
4.7nF
100V
C19
7.5K
R12
7.5K
R15
33pF
C24
VCC3V3A
D5
BAT54SW-7-F
VCC3V3
GND
2
V+
3
IN+
4
IN-
5
OUT
6
REF
1
U2
INA199A2
100nF
C15
AC_VOLTAGE
VCCIN
DC_CURRENT
DC_VOLTAGE
PGND
PGND
PGND
AGND
AGND
AGND
AGND
AGND
AGND
0.020
0.1W
R11
TP6
SW1
COIL
AC
DC_VOLTAGE
DC_CURRENT
TP10
TP14
TP7
TP11
TP8
TP12
TP15
DC_VOLTAGE
AC
DC_CURRENT
SW1
COIL
SW2
i
5A
i 1A
VCC3V3
VCCDRV
TP9
GND
TP13
AGND
TP5
PGND
100nF
100V
C20
NP
C21
NP
C23
22uF
25V
C13
PGND
i
5A
2.0
R29
100nF
50V
C26
22uF
25V
C27
2.7nF
50V
C31
PGND
PGND
PGND
SW2
i
5A
Q1
DMN3030LSS-13
Q2
DMN3030LSS-13
Q3
DMN3030LSS-13
Q4
DMN3030LSS-13
VBRIDGE
VBRIDGE
NP
C22
Place the analog filters close to the Wireless Controller
NP
R30
PGND
i 5A
i
5A
i
5A
D3
BAT54SW-7-F (NP)
NP
C35
NP
C36
NP
R31
NP
R33
AGND
AC_MIN
AC_MAX
AGND
VCC3V3A
AGND
AC
AC_MIN
AC_MAX
i
5A
0
R16
0
R20
PWM1_H
PWM1_L
VCCDRV
PGND
47nF
C18
0
R27
0
R32
PWM2_H
PWM2_L
47nF
C29
PGND
10K
R21
10K
R22
PGND PGND
10K
R23
10K
R24
PGND PGND
VS1
1
HO1
2
LO1
3
VCCG
4
PGND
5
LO2
6
HO2
7
VS2
8
VB2
9
LS1ON
10
HS1ON
11
LS2ON
12
AGND
13
V5INT
14
SDATA
15
SCLK
16
V3P3
17
HS2ON
18
COMPOUT
19
COMPN
20
COMPP
21
AMPN
22
AMPOUT
23
AMPP
24
STRTUP
25
SLEEP
26
PGOOD
27
VB1
28
PAD
29
U3
TS61001
100nF
C33
GND
GND
GND
4.7uF
6.3V
C30
10uF
16V
C34
100nF
C32
PGND
PGND
DRV_EN
10K
R14
PGND
1.0
R17
1.0
R28
SDA
SCL
Figure 2: TS80000 Application Schematic (power section)
Current Sense


유사한 부품 번호 - TS80000

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TS80000 ETC2-TS80000 Datasheet
981Kb / 8P
   Full-bridge FET Driver
logo
Semtech Corporation
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS80000-QFNR SEMTECH-TS80000-QFNR Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
More results

유사한 설명 - TS80000

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
TS80000 SEMTECH-TS80000 Datasheet
728Kb / 37P
   High Efficiency Transmitter Controller for Wireless Power Systems
TS51231 SEMTECH-TS51231 Datasheet
442Kb / 10P
   High Efficiency Transmitter Driver for Wireless Power Systems
TS80003 SEMTECH-TS80003 Datasheet
3Mb / 27P
   High Efficiency Transmirrer Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS80002 SEMTECH-TS80002 Datasheet
1Mb / 16P
   High-Efficiency Transmit Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
NXP Semiconductors
WCT1101DS NXP-WCT1101DS Datasheet
2Mb / 35P
   Consumer Low Power Wireless Transmitter Controller
Rev. 1.0, 02/2014
logo
List of Unclassifed Man...
TX-F01 ETC2-TX-F01 Datasheet
269Kb / 5P
   Wireless Remote Controller/Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com