전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT273DB 데이터시트(PDF) 2 Page - NXP Semiconductors

부품명 74HCT273DB
상세설명  Octal D-type flip-flop with reset; positive-edge trigger
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT273DB 데이터시트(HTML) 2 Page - NXP Semiconductors

  74HCT273DB Datasheet HTML 1Page - NXP Semiconductors 74HCT273DB Datasheet HTML 2Page - NXP Semiconductors 74HCT273DB Datasheet HTML 3Page - NXP Semiconductors 74HCT273DB Datasheet HTML 4Page - NXP Semiconductors 74HCT273DB Datasheet HTML 5Page - NXP Semiconductors 74HCT273DB Datasheet HTML 6Page - NXP Semiconductors 74HCT273DB Datasheet HTML 7Page - NXP Semiconductors 74HCT273DB Datasheet HTML 8Page - NXP Semiconductors 74HCT273DB Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
74HC_HCT273
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 4 — 10 June 2013
2 of 21
NXP Semiconductors
74HC273; 74HCT273
Octal D-type flip-flop with reset; positive-edge trigger
4.
Functional diagram
74HC273PW
40 C to +125 C
TSSOP20
plastic thin shrink small outline package; 20 leads; body
width 4.4 mm
SOT360-1
74HCT273PW
74HC273BQ
40 C to +125 C
DHVQFN20 plastic dual in-line compatible thermal enhanced very thin
quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
74HCT273BQ
Table 1.
Ordering information …continued
Type number
Package
Temperature range Name
Description
Version
Fig 1.
Functional diagram
Fig 2.
Logic symbol
Fig 3.
IEC logic symbol
001aae055
D0
D1
D2
D3
D4
D5
D6
D7
3
4
7
8
13
14
17
18
1
11
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
2
5
6
9
12
15
16
19
FF1
TO
FF8
MR
CP
mna763
D0
D1
D2
D3
D4
D5
D6
D7
MR
CP
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
11
1
19
16
15
12
9
6
5
2
18
17
14
13
8
7
4
3
mna764
19
16
15
12
9
6
5
11
C1
1
R
1D
2
18
17
14
13
8
7
4
3
D7
D0
D1
D2
D3
D4
D5
D6
Q7
Q6
Q5
Q4
Q3
Q2
Q0
Q1
CP
MR


유사한 부품 번호 - 74HCT273DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT273DB PHILIPS-74HCT273DB Datasheet
58Kb / 8P
   Octal D-type flip-flop with reset; positive-edge trigger
September 1993
More results

유사한 설명 - 74HCT273DB

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HC273-Q100 NXP-74HC273-Q100 Datasheet
147Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 1-19 June 2013
logo
Nexperia B.V. All right...
74LVC273-Q100 NEXPERIA-74LVC273-Q100 Datasheet
715Kb / 16P
   Octal D-type flip-flop with reset; positive-edge trigger
logo
NXP Semiconductors
74AHC273 PHILIPS-74AHC273 Datasheet
92Kb / 20P
   Octal D-type flip-flop with reset; positive-edge trigger
1999 Sep 01
74AHC273 NXP-74AHC273_08 Datasheet
111Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 03-13 May 2008
74LV273 PHILIPS-74LV273 Datasheet
117Kb / 12P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 29
logo
Nexperia B.V. All right...
74LVC273 NEXPERIA-74LVC273 Datasheet
259Kb / 14P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 8 - 31 August 2021
74HCT273 NEXPERIA-74HCT273 Datasheet
279Kb / 17P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 7 - 6 September 2021
logo
NXP Semiconductors
74LVC273 PHILIPS-74LVC273 Datasheet
95Kb / 10P
   Octal D-type flip-flop with reset; positive-edge trigger
1998 May 20
logo
Nexperia B.V. All right...
74AHC273-Q100 NEXPERIA-74AHC273-Q100 Datasheet
814Kb / 19P
   Octal D-type flip-flop with reset; positive-edge trigger
74HC273-Q100 NEXPERIA-74HC273-Q100 Datasheet
277Kb / 18P
   Octal D-type flip-flop with reset; positive-edge trigger
Rev. 2 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com