전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STGIPS30C60-H 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 STGIPS30C60-H
상세설명  SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPS30C60-H 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button STGIPS30C60-H Datasheet HTML 4Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 5Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 6Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 7Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 8Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 9Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 10Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 11Page - STMicroelectronics STGIPS30C60-H Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
Electrical characteristics
STGIPS30C60-H
8/21
DocID024473 Rev 3
Figure 5. Switching time test circuit
Figure 4 "Switching time definition" refers to HIN, LIN inputs (active high).
Figure 6. Switching time definition
AM06019v2
VCE
IC
IC
VIN
t
ON
t
C(ON)
VIN(ON)
10% IC 90% IC 10% VCE
(a) turn-on
(b) turn-off
t
rr
100% IC 100% IC
VIN
VCE
t
OFF
t
C(OFF)
VIN(OFF)
10%
VCE
10%
IC
AM09223V1


유사한 부품 번호 - STGIPS30C60-H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
STGIPS30C60T-H STMICROELECTRONICS-STGIPS30C60T-H Datasheet
712Kb / 19P
   SLLIMM??small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
April 2015 Rev 3
More results

유사한 설명 - STGIPS30C60-H

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STGIPS14K60T STMICROELECTRONICS-STGIPS14K60T Datasheet
880Kb / 20P
   SLLIMM (small low-loss intelligent molded module) IPM
May 2013 Rev 4
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
   SLLIMM??nano (small low-loss intelligent molded module) IPM
STGIPN3H60 STMICROELECTRONICS-STGIPN3H60 Datasheet
550Kb / 21P
   SLLIMM??nano (small low-loss intelligent molded module)IPM
STGIPS30C60T-H STMICROELECTRONICS-STGIPS30C60T-H Datasheet
712Kb / 19P
   SLLIMM??small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
April 2015 Rev 3
STGIPN3H60AT STMICROELECTRONICS-STGIPN3H60AT Datasheet
497Kb / 19P
   SLLIMM??nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
September 2014 Rev 1
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
STGIPL30C60 STMICROELECTRONICS-STGIPL30C60 Datasheet
742Kb / 23P
   SLLIMM™ (small low-loss intelligent molded module) IPM, 3-phase inverter, 30 A, 600 V short-circuit rugged IGBT
April 2016 Rev 1
STGIPS10K60T STMICROELECTRONICS-STGIPS10K60T Datasheet
934Kb / 20P
   SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT
STGIPL20K60 STMICROELECTRONICS-STGIPL20K60 Datasheet
705Kb / 24P
   SLLIMM??(small low-loss intelligent molded module) IPM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
STGIPL14K60 STMICROELECTRONICS-STGIPL14K60_V01 Datasheet
883Kb / 26P
   SLLIMM™ (small low-loss intelligent molded module)IPM, 3-phase inverter, 15 A, 600 V short-circuit rugged IGBT
October 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com