전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7303BR 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD7303BR
상세설명  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7303BR 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD7303BR Datasheet HTML 7Page - Analog Devices AD7303BR Datasheet HTML 8Page - Analog Devices AD7303BR Datasheet HTML 9Page - Analog Devices AD7303BR Datasheet HTML 10Page - Analog Devices AD7303BR Datasheet HTML 11Page - Analog Devices AD7303BR Datasheet HTML 12Page - Analog Devices AD7303BR Datasheet HTML 13Page - Analog Devices AD7303BR Datasheet HTML 14Page - Analog Devices AD7303BR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7303
–11–
REV. 0
POWER-ON RESET
The AD7303 has a power-on reset circuit designed to allow output
stability during power-up. This circuit holds the DACs in a reset
state until a write takes place to the DAC. In the reset state all zeros
are latched into the input registers of each DAC, and the DAC reg-
isters are in transparent mode. Thus the output of both DACs are
held at ground potential until a write takes place to the DAC.
POWER-DOWN FEATURES
Two bits in the control section of the 16-bit input word are used to
put the AD7303 into low power mode. DAC A and DAC B can be
powered down separately. When both DACs are powered down,
the current consumption of the device is reduced to less than 1
µA,
making the device suitable for use in portable battery powered
equipment. The reference bias servo loop, the output amplifiers
and associated linear circuitry are all shut down when the power-
down is activated. The output sees a load of approximately 23 k
to GND when in power-down mode as shown in Figure 25. The
contents of the data registers are unaffected when in power-down
mode. The time to exit power-down is determined by the nature of
the power-down, if the device is fully powered down the bias gen-
erator is also powered down and the device takes typically 13
µs to
exit power-down mode. If the device is only partially powered
down, i.e., only one channel powered down, in this case the bias
generator is active and the time required for the power-down chan-
nel to exit this mode is typically 1.6
µs. See Figures 11 and 12.
VO A/B
VDD
11.7k
11.7k
VREF
IDAC
Figure 25. Output Stage During Power-Down
MICROPROCESSOR INTERFACING
AD7303 to ADSP-2101/ADSP-2103 Interface
Figure 26 shows a serial interface between the AD7303 and the
ADSP-2101/ADSP-2103. The ADSP-2101/ADSP-2103 should
be set up to operate in the SPORT Transmit Alternate Framing
Mode. The ADSP-2101/ADSP-2103 SPORT is programmed
through the SPORT control register and should be configured
as follows: Internal Clock Operation, Active Low Framing,
16-Bit Word Length. Transmission is initiated by writing a word
to the Tx register after the SPORT has been enabled. The data
is clocked out on each falling edge of the serial clock and clocked
into the AD7303 on the rising edge of the SCLK.
SCLK
ADSP-2101/
ADSP-2103*
DT
*ADDITIONAL PINS OMITTED FOR CLARITY
SYNC
DIN
SCLK
AD7303*
TFS
Figure 26. AD7303 to ADSP-2101/ADSP-2103 Interface
AD7303 to 68HC11/68L11 Interface
Figure 27 shows a serial interface between the AD7303 and the
68HC11/68L11 microcontroller. SCK of the 68HC11/68L11
drives the CLKIN of the AD7303, while the MOSI output
drives the serial data line of the DAC. The SYNC signal is
derived from a port line (PC7). The setup conditions for cor-
rect operation of this interface are as follows: the 68HC11/
68L11 should be configured so that its CPOL bit is a 0 and its
CPHA bit is a 0. When data is being transmitted to the DAC,
the SYNC line is taken low (PC7). When the 68HC11/68L11 is
configured as above, data appearing on the MOSI output is
valid on the rising edge of SCK. Serial data from the 68HC11/
68L11 is transmitted in 8-bit bytes with only eight falling clock
edges occurring in the transmit cycle. Data is transmitted MSB
first. In order to load data to the AD7303, PC7 is left low after
the first eight bits are transferred, and a second serial write op-
eration is performed to the DAC and PC7 is taken high at the
end of this procedure.
SCLK
68HC11/68L11*
SCK
*ADDITIONAL PINS OMITTED FOR CLARITY
SYNC
DIN
MOSI
AD7303*
PC7
Figure 27. AD7303 to 68HC11/68L11 Interface
AD7303 to 80C51/80L51 Interface
Figure 28 shows a serial interface between the AD7303 and the
80C51/80L51 microcontroller. The setup for the interface is as
follows: TXD of the 80C51/80L51 drives SCLK of the AD7303,
while RXD drives the serial data line of the part. The SYNC
signal is again derived from a bit programmable pin on the port.
In this case port line P3.3 is used. When data is to be transmit-
ted to the AD7303, P3.3 is taken low. The 80C51/80L51 trans-
mits data only in 8-bit bytes; thus only eight falling clock edges
occur in the transmit cycle. To load data to the DAC, P3.3 is
left low after the first eight bits are transmitted, and a second
write cycle is initiated to transmit the second byte of data. P3.3
is taken high following the completion of this cycle. The 80C51/
80L51 outputs the serial data in a format which has the LSB
first. The AD7303 requires its data with the MSB as the first bit
received. The 80C51/80L51 transmit routine should take this
into account.
SCLK
80C51/80L51*
TXD
*ADDITIONAL PINS OMITTED FOR CLARITY
SYNC
SDIN
RXD
AD7303*
P3.3
Figure 28. AD7303 to 80C51/80L51 Interface


유사한 부품 번호 - AD7303BR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7303BR AD-AD7303BR Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BR AD-AD7303BR Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BR AD-AD7303BR Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRM AD-AD7303BRM Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRM AD-AD7303BRM Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
More results

유사한 설명 - AD7303BR

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7303BRZ AD-AD7303BRZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303 Datasheet
361Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BRZ AD-AD7303BRZ Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303 AD-AD7303_15 Datasheet
363Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7303BNZ AD-AD7303BNZ Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BNZ AD-AD7302BNZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
218Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302_15 Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302 AD-AD7302 Datasheet
292Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
AD7302BRUZ AD-AD7302BRUZ Datasheet
295Kb / 16P
   2.7 V to 5.5 V, Parallel Input Dual Voltage Output 8-Bit DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com