전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD8557ACPZ-REEL 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD8557ACPZ-REEL
상세설명  Digitally Programmable Sensor Signal Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD8557ACPZ-REEL 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD8557ACPZ-REEL Datasheet HTML 7Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 8Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 9Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 10Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 11Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 12Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 13Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 14Page - Analog Devices AD8557ACPZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8557
Rev. C | Page 11 of 24
10
0.001
0.01
100
LOAD CURRENT (mA)
0.1
1
10
0.01
0.1
1
VSY = 5V
SOURCE
SINK
Figure 28. Output Voltage to Supply Rail vs. Load Current
100
–100
–50
175
TEMPERATURE (°C)
50
0
–50
–25
0
25
50
75
100
125
150
ILIMSRC 5V
ILIMSRC 2.7V
ILIMSINK 2.7V
ILIMSINK 5V
Figure 29. Output Short-Circuit vs. Temperature
CH1 2.0V
CH2 1.0V
M 100µs
T 23.80%
A CH1
800mV
2
1
Figure 30. Power-On Response at 25°C
CH1 2.0V
CH2 1.0V
M 100µs
T 23.80%
A CH1
800mV
2
1
Figure 31. Power-On Response at 125°C
CH1 2.0V
CH2 1.0V
M 100µs
T 23.80%
A CH1
800mV
2
1
Figure 32. Power-On Response at −40°C
175
100
–50
175
TEMPERATURE (°C)
160
145
130
115
–25
0
25
50
75
100
125
150
PSRR 2.7V TO 5.5V
Figure 33. PSRR vs. Temperature


유사한 부품 번호 - AD8557ACPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL AD-AD8557ACPZ-REEL Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ACPZ-REEL7 AD-AD8557ACPZ-REEL7 Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
More results

유사한 설명 - AD8557ACPZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD8557 AD-AD8557_16 Datasheet
585Kb / 25P
   Digitally Programmable Sensor Signal Amplifier
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8557ARZ AD-AD8557ARZ Datasheet
508Kb / 24P
   Digitally Programmable Sensor Signal Amplifier
REV. C
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
AD8555 AD-AD8555_09 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. A
AD8555 AD-AD8555_V01 Datasheet
696Kb / 29P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
Rev. B
AD8556 AD-AD8556_16 Datasheet
738Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
AD8556ARZ AD-AD8556ARZ Datasheet
777Kb / 28P
   Digitally Programmable Sensor Signal Amplifier with EMI Filters
REV. A
logo
National Semiconductor ...
LH0086 NSC-LH0086 Datasheet
252Kb / 7P
   DIGITALLY-PROGRAMMABLE-GAIN AMPLIFIER
logo
List of Unclassifed Man...
MN2020 ETC-MN2020 Datasheet
973Kb / 6P
   Digitally Controlled Programmable-Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com