전자부품 데이터시트 검색엔진 |
|
BA030LBSG2-TR 데이터시트(PDF) 3 Page - Rohm |
|
BA030LBSG2-TR 데이터시트(HTML) 3 Page - Rohm |
3 / 9 page BA ΟΟΟLBSG series Regulator IC ! ! ! ! Electrical characteristics BA028LBSG (unless otherwise noted, Ta=25 °C, VCC=3.8V) Parameter Coniditions Vctl=3V, no output load Io=10mA, f=400Hz, C=0.01 µF∗2 Io=10mA, C=0.01 µF∗2 Io=10mA, Vcc=3.8~7V∗1 Io=50mA∗1 Io=1~50mA∗1 Io=10mA, f=400Hz Io=50mA, Vcc=0.95Vo Circuit current <Output block> <Power-save block> Vctl=0V Vctl=3V Standby current ICCS 10 − 0 µA 150 − 65 µA µA 150 − 90 mV 80 − 40 mV 30 − 3 mV − − 56 µV − 50 58 dB − − 66 dB 0.6 − − 15 − 6.0 V − 2.4 − V −− − − 150 280 mA 2.87 2.73 2.80 V Symbol Min. Typ. Max. Unit ICCa VO IO Reg.L Reg.I en R.R1 R.R2 Voff Von Ictl ∆Vd Output voltage Output current capability Dropout voltage Load regulation Input regulation Output noise voltage Ripple rejection 1 Ripple rejection 2 CTL OFF voltage CTL ON voltage CTL inflow current Not designed for radiation resistance. ∗ In order to measure at Ta Tj (pulse measurement), fluctuations in output resulting from temperature fluctuations are not included. ∗ Design guaranteed. (Not all products have been inspected.) A capacitor (0.01 µF) is used between pin 4 and pin 5, to improve ripple rejection. BA029LBSG (unless otherwise noted, Ta=25 °C, VCC=3.9V) Parameter Coniditions Vctl=3V, no output load Io=10mA, f=400Hz, C=0.01 µF∗2 Io=10mA, C=0.01 µF∗2 Vcc=3.9~7V Io=50mA∗1 Io=1~50mA∗1 Io=10mA, f=400Hz Io=50mA, Vcc=0.95Vo Circuit current <Output block> <Power-save block> Vctl=0V Vctl=3V Standby current ICCS µA µA µA mV mV mV µV dB V V − − − mA V Symbol − − − − − − 45 − − 2.4 150 2.828 Min. 0 65 90 40 3 56 58 − 6.0 − 280 2.90 Typ. 10 150 150 80 30 − − 0.6 15 − − 2.973 Max. Unit ICCa VO IO Reg.L Reg.I en R.R1 Voff Von Ictl ∆Vd Output voltage Output current capability Dropout voltage Load regulation Input regulation Output noise voltage Ripple rejection 1 dB − 66 − R.R2 Ripple rejection 2 CTL OFF voltage CTL ON voltage CTL inflow current Not designed for radiation resistance. ∗ In order to measure at Ta Tj (pulse measurement), fluctuations in output resulting from temperature fluctuations are not included. ∗ Design guaranteed. (Not all products have been inspected.) A capacitor (0.01 µF) is used between pin 4 and pin 5, to improve ripple rejection. |
유사한 부품 번호 - BA030LBSG2-TR |
|
유사한 설명 - BA030LBSG2-TR |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |