전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA6920FP-YE2 데이터시트(PDF) 1 Page - Rohm

부품명 BA6920FP-YE2
상세설명  1.0A Reversible Motor Drivers (Single Motor)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA6920FP-YE2 데이터시트(HTML) 1 Page - Rohm

  BA6920FP-YE2 Datasheet HTML 1Page - Rohm BA6920FP-YE2 Datasheet HTML 2Page - Rohm BA6920FP-YE2 Datasheet HTML 3Page - Rohm BA6920FP-YE2 Datasheet HTML 4Page - Rohm BA6920FP-YE2 Datasheet HTML 5Page - Rohm BA6920FP-YE2 Datasheet HTML 6Page - Rohm BA6920FP-YE2 Datasheet HTML 7Page - Rohm BA6920FP-YE2 Datasheet HTML 8Page - Rohm BA6920FP-YE2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1/17
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
Reversible Motor Drivers for Brush Motors
1.0A Reversible
Motor Drivers (Single Motor)
BA6956AN,BA6287F,BA6285FS,BA6285AFP-Y,BA6920FP-Y
●Description
The reversible motor driver for output 1.0A for 1 motor can set the output modes to four modes, normal, reverse, stop
(idling), and braking in accordance with logic input (2 inputs).
●Features
1) Built-in surge absorption diode
2) By built-in power save circuit, current consumption when a motor stops (idles) can be suppressed
3) Output voltage can be optionally set by reference voltage setting pin
4) Built-in thermal shutdown circuit (TSD)
●Applications
Audio-visual equipment; PC peripherals; Car audios; Car navigation systems; OA equipments
●Absolute maximum ratings (Ta=25℃, All voltages are with respect to ground)
Parameter
Symbol
Ratings
Unit
BA6956AN
BA6287F
BA6285FS
BA6285AFP-Y BA6920FP-Y
Supply voltage
VCC
18
18
18
30
36
V
Supply voltage
VM
18
18
18
30
36
V
Output current
IOMAX
1*
1
1*
1
1*
1
1*
1
1*
1
A
Operating temperature
TOPR
-20 ~ 75
-20 ~ 75
-20 ~ 75
-40 ~ 85
-30 ~ 85
Storage temperature
TSTG
-55 ~ 150
-55 ~ 150
-55 ~ 150
-55 ~ 150
-55 ~ 150
Power dissipation
Pd
1.19*
2
0.689*
3
0.813*
4
1.45*
5
1.45*
5
W
Junction temperature
Tjmax
150
150
150
150
150
*1
Do not, exceed Pd or ASO.
*2
SIP9 package. Derated at 9.5mW/℃ above 25℃.
*3
SOP8 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 5.52mW/℃ above 25℃.
*4
SSOP-A16 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 6.5mW/℃ above 25℃.
*5
HSOP25 package. Mounted on a 70mm x 70mm x 1.6mm FR4 glass-epoxy board with less than 3% copper foil. Derated at 11.6mW/℃ above 25℃.
●Operating conditions (Ta=25℃)
Parameter
Symbol
Ratings
Unit
BA6956AN
BA6287F
BA6285FS
BA6285AFP-Y BA6920FP-Y
Supply voltage
VCC
6.5 ~ 15
4.5 ~ 15
4.5 ~ 15
4.5 ~ 24
6.5 ~ 34
V
Supply voltage
VM
6.5 ~ 15
4.5 ~ 15
4.5 ~ 15
4.5 ~ 24
6.5 ~ 34
V
VREF voltage
VREF
< VCC, VM
< VCC, VM
< VCC, VM
< VCC, VM
< VCC, VM
V
No.11008EBT02


유사한 부품 번호 - BA6920FP-YE2

제조업체부품명데이터시트상세설명
logo
Rohm
BA6920FP-Y ROHM-BA6920FP-Y Datasheet
78Kb / 2P
   Reversible Motor Driver
BA6920FP-Y ROHM-BA6920FP-Y Datasheet
160Kb / 5P
   Motor driver with DC brush
BA6920FP-Y ROHM-BA6920FP-Y Datasheet
637Kb / 9P
   DC Brush Motor Driver for Paper Feed or Carriage Use
BA6920FP-Y ROHM-BA6920FP-Y Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BA6920FP-Y ROHM-BA6920FP-Y Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results

유사한 설명 - BA6920FP-YE2

제조업체부품명데이터시트상세설명
logo
Rohm
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6247FP-Y ROHM-BA6247FP-Y_11 Datasheet
265Kb / 12P
   1.0A or More Reversible Motor Drivers (2 Motors)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BH6578FVM ROHM-BH6578FVM_15 Datasheet
1Mb / 17P
   0.5 Amp or Less Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_09 Datasheet
377Kb / 16P
   Reversible motor drivers (1A series)
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_09 Datasheet
296Kb / 9P
   Reversible Motor Drivers for Output 0.5A 1 Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com