전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CA13509_STRADA-SQ-T2 데이터시트(PDF) 5 Page - Lumileds Lighting Company

부품명 CA13509_STRADA-SQ-T2
상세설명  PRODUCT DATASHEET Strada-SQ series
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUMILEDS [Lumileds Lighting Company]
홈페이지  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

CA13509_STRADA-SQ-T2 데이터시트(HTML) 5 Page - Lumileds Lighting Company

  CA13509_STRADA-SQ-T2 Datasheet HTML 1Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 2Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 3Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 4Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 5Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 6Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 7Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 8Page - Lumileds Lighting Company CA13509_STRADA-SQ-T2 Datasheet HTML 9Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Tape
Beam direction
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class F, otherwise class M.
According to DIN ISO 2768-2
Form and position: class K
SCALE
3:2 WEIGHT
-
SHEET
1/1
SIZE
A4
DRAWING TITLE
STRADA-SQ-T2 Datasheet
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy."
8.6
2
Front view
A
25.4
c/c
21.5
c/c
3.2
2
Bottom view
25
Top view
Isometric view
0.15
Detail A
Minimum spacing
30
c/c
5


유사한 부품 번호 - CA13509_STRADA-SQ-T2

제조업체부품명데이터시트상세설명
logo
Cree, Inc
CA13509 CREE-CA13509_16 Datasheet
1Mb / 19P
   Strada series
More results

유사한 설명 - CA13509_STRADA-SQ-T2

제조업체부품명데이터시트상세설명
logo
Cree, Inc
C12410 CREE-C12410 Datasheet
649Kb / 7P
   Strada-SQ series
logo
Ledil, Inc.
C11347-REGINA LEDIL-C11347-REGINA Datasheet
386Kb / 7P
   PRODUCT DATASHEET Regina series
logo
List of Unclassifed Man...
FR25A ETC1-FR25A Datasheet
391Kb / 2P
   LEXAN FR25A FILM PRODUCT DATASHEET
logo
Cree, Inc
C15021 CREE-C15021 Datasheet
4Mb / 72P
   Strada series
C11889 CREE-C11889 Datasheet
710Kb / 11P
   Strada series
CS15158 CREE-CS15158 Datasheet
2Mb / 31P
   Strada series
C10949 CREE-C10949 Datasheet
877Kb / 13P
   Strada series
C11415 CREE-C11415 Datasheet
1Mb / 15P
   Strada series
CA12220 CREE-CA12220 Datasheet
275Kb / 5P
   Strada series
C13604 CREE-C13604 Datasheet
4Mb / 66P
   Strada series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com