전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM028D1-A2 데이터시트(PDF) 3 Page - Alpha Industries

부품명 AM028D1-A2
상세설명  26-33 GHz Surface Mount Double Balanced Down Converter Mixer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALPHA [Alpha Industries]
홈페이지  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AM028D1-A2 데이터시트(HTML) 3 Page - Alpha Industries

  AM028D1-A2 Datasheet HTML 1Page - Alpha Industries AM028D1-A2 Datasheet HTML 2Page - Alpha Industries AM028D1-A2 Datasheet HTML 3Page - Alpha Industries AM028D1-A2 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
26–33 GHz Surface Mount Double Balanced Down Converter Mixer
AM028D1-A2
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
3
Specifications subject to change without notice. 6/01A
Characteristic
Value
Operating Temperature (TC)
-55°C to +85°C
Storage Temperature (TST)
-65°C to +125°C
Total Input Power (RF + LO)
+23 dBm
Absolute Maximum Ratings
RF Frequency (GHz)
Temperature
FLO = FRF - 1 GHz, PLO = 13 dBm
4
6
8
10
12
25
27
29
31
33
35
-55˚C
+85˚C
+25˚C
+85˚C
-55˚C
-A2
0.241
(6.12 mm)
0.040
(1.02 mm)
0.016
(0.41 mm)
0.194
(4.93 mm)
0.056
(1.42 mm)
0.204
(5.18 mm)
0.251
(6.38 mm)
2X 0.044
(1.12 mm)
8X 0.020
(0.51 mm)
2X 0.129
(3.28 mm)
C
L
2X 0.064
(1.63 mm)
2X 0.043
(1.09 mm)
2X 0.085
(2.16 mm)
C
L


유사한 부품 번호 - AM028D1-A2

제조업체부품명데이터시트상세설명
logo
Alpha Industries
AM028D1-00 ALPHA-AM028D1-00 Datasheet
165Kb / 2P
   26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer
More results

유사한 설명 - AM028D1-A2

제조업체부품명데이터시트상세설명
logo
Alpha Industries
AM028S1-A2 ALPHA-AM028S1-A2 Datasheet
586Kb / 4P
   26-33 GHz Surface Mount Single Balanced Down Converter Mixer
AM028D1-00 ALPHA-AM028D1-00 Datasheet
165Kb / 2P
   26-33 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM028S2-A2 ALPHA-AM028S2-A2 Datasheet
600Kb / 4P
   26-33 GHz Surface Mount Single Balanced Up Converter Mixer
AM028S1-00 ALPHA-AM028S1-00 Datasheet
90Kb / 2P
   26-33 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM038S1-00 ALPHA-AM038S1-00 Datasheet
88Kb / 2P
   33-43 GHz GaAs MMIC Single Balanced Down Converter Mixer
AM038D1-00 ALPHA-AM038D1-00 Datasheet
168Kb / 2P
   33.43 GHz GaAs MMIC Double Balanced Down Converter Mixer
AM028R1-00 ALPHA-AM028R1-00 Datasheet
124Kb / 2P
   26-33 GHz GaAs MMIC Image Rejection Balanced Mixer
logo
M/A-COM Technology Solu...
MDS-223 MA-COM-MDS-223 Datasheet
66Kb / 2P
   Surface Mount Double-Balanced Mixer
MDS-223 MA-COM-MDS-223_15 Datasheet
66Kb / 2P
   Surface Mount Double-Balanced Mixer
MDS-222 MA-COM-MDS-222 Datasheet
64Kb / 2P
   Surface Mount Double-Balanced Mixer
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com