전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AUP1GU04GW 데이터시트(PDF) 7 Page - NXP Semiconductors

부품명 74AUP1GU04GW
상세설명  Low-power unbuffered inverter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AUP1GU04GW 데이터시트(HTML) 7 Page - NXP Semiconductors

Back Button 74AUP1GU04GW Datasheet HTML 3Page - NXP Semiconductors 74AUP1GU04GW Datasheet HTML 4Page - NXP Semiconductors 74AUP1GU04GW Datasheet HTML 5Page - NXP Semiconductors 74AUP1GU04GW Datasheet HTML 6Page - NXP Semiconductors 74AUP1GU04GW Datasheet HTML 7Page - NXP Semiconductors 74AUP1GU04GW Datasheet HTML 8Page - NXP Semiconductors 74AUP1GU04GW Datasheet HTML 9Page - NXP Semiconductors 74AUP1GU04GW Datasheet HTML 10Page - NXP Semiconductors 74AUP1GU04GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
74AUP1GU04
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 5 — 29 June 2012
7 of 21
NXP Semiconductors
74AUP1GU04
Low-power unbuffered inverter
11. Dynamic characteristics
Table 8.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 9
Symbol Parameter
Conditions
25
C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
(85
C)
Max
(125
C)
CL = 5 pF
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC = 0.8 V
-
6.2
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
0.9
2.3
4.4
0.9
4.8
5.3
ns
VCC = 1.4 V to 1.6 V
0.7
1.7
3.1
0.6
3.4
3.8
ns
VCC = 1.65 V to 1.95 V
0.5
1.4
2.6
0.5
2.9
3.2
ns
VCC = 2.3 V to 2.7 V
0.4
1.1
2.0
0.4
2.3
2.6
ns
VCC = 3.0 V to 3.6 V
0.3
1.0
1.8
0.3
2.1
2.4
ns
CL = 10 pF
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC = 0.8 V
-
9.6
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
1.2
3.1
6.1
1.2
6.8
7.5
ns
VCC = 1.4 V to 1.6 V
1.0
2.3
4.0
0.9
4.6
5.1
ns
VCC = 1.65 V to 1.95 V
0.8
1.9
3.3
0.7
3.8
4.2
ns
VCC = 2.3 V to 2.7 V
0.6
1.5
2.7
0.6
3.1
3.5
ns
VCC = 3.0 V to 3.6 V
0.5
1.3
2.4
0.5
2.7
3.0
ns
CL = 15 pF
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC = 0.8 V
-
13.0
-
-
-
-
ns
VCC = 1.1 V to 1.3 V
1.6
3.8
7.9
1.4
8.8
9.7
ns
VCC = 1.4 V to 1.6 V
1.3
2.8
4.9
1.1
5.7
6.3
ns
VCC = 1.65 V to 1.95 V
1.0
2.3
4.0
0.9
4.7
5.2
ns
VCC = 2.3 V to 2.7 V
0.8
1.9
3.2
0.8
3.7
4.1
ns
VCC = 3.0 V to 3.6 V
0.7
1.6
2.9
0.7
3.3
3.7
ns
CL = 30 pF
tpd
propagation delay
A to Y; see Figure 8
[2]
VCC = 0.8 V
-
23.2
-
-
-
-
-
VCC = 1.1 V to 1.3 V
2.4
6.0
13.1
2.2
14.8
16.3
ns
VCC = 1.4 V to 1.6 V
2.0
4.2
7.6
1.8
9.0
9.9
ns
VCC = 1.65 V to 1.95 V
1.7
3.6
6.1
1.5
7.2
8.0
ns
VCC = 2.3 V to 2.7 V
1.4
2.9
4.8
1.3
5.7
6.3
ns
VCC = 3.0 V to 3.6 V
1.2
2.5
4.3
1.1
5.1
5.7
ns


유사한 부품 번호 - 74AUP1GU04GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1GU04GW PHILIPS-74AUP1GU04GW Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
logo
Nexperia B.V. All right...
74AUP1GU04GW NEXPERIA-74AUP1GU04GW Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
More results

유사한 설명 - 74AUP1GU04GW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04 PHILIPS-74AUP1GU04 Datasheet
90Kb / 18P
   Low-power unbuffered inverter
Rev. 01-10 August 2005
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com