전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC14BQ 데이터시트(PDF) 10 Page - NXP Semiconductors

부품명 74AHC14BQ
상세설명  Hex inverting Schmitt trigger
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC14BQ 데이터시트(HTML) 10 Page - NXP Semiconductors

Back Button 74AHC14BQ Datasheet HTML 6Page - NXP Semiconductors 74AHC14BQ Datasheet HTML 7Page - NXP Semiconductors 74AHC14BQ Datasheet HTML 8Page - NXP Semiconductors 74AHC14BQ Datasheet HTML 9Page - NXP Semiconductors 74AHC14BQ Datasheet HTML 10Page - NXP Semiconductors 74AHC14BQ Datasheet HTML 11Page - NXP Semiconductors 74AHC14BQ Datasheet HTML 12Page - NXP Semiconductors 74AHC14BQ Datasheet HTML 13Page - NXP Semiconductors 74AHC14BQ Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
74AHC_AHCT14_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 4 May 2009
10 of 16
NXP Semiconductors
74AHC14; 74AHCT14
Hex inverting Schmitt trigger
14. Application information
a. VCC = 4.5 V
b. VCC = 5.5 V
Fig 11. Typical 74AHCT transfer characteristics
05
VI (V)
ICC
(mA)
6
0
mna414
2
4
1234
02
6
8
0
2
4
6
mna415
4
VI (V)
ICC
(mA)
For 74AHC14:
For 74AHCT14:
Fig 12. Relaxation oscillator
mna035
R
C
f
1
T
---
1
0.55
RC
×
-------------------------
=
f
1
T
---
1
0.60
RC
×
-------------------------
=


유사한 부품 번호 - 74AHC14BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC14BQ PHILIPS-74AHC14BQ Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74AHC14BQ NEXPERIA-74AHC14BQ Datasheet
282Kb / 16P
   Hex inverting Schmitt trigger
Rev. 6 - 16 June 2020
74AHC14BQ-Q100 NEXPERIA-74AHC14BQ-Q100 Datasheet
849Kb / 17P
   Hex inverting Schmitt trigger
More results

유사한 설명 - 74AHC14BQ

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74ALVC14 PHILIPS-74ALVC14 Datasheet
92Kb / 16P
   Hex inverting Schmitt trigger
Rev. 03-15 February 2005
logo
Fairchild Semiconductor
MM74HC14 FAIRCHILD-MM74HC14 Datasheet
91Kb / 8P
   Hex Inverting Schmitt Trigger
MM74HCT14 FAIRCHILD-MM74HCT14 Datasheet
87Kb / 6P
   Hex Inverting Schmitt Trigger
logo
NXP Semiconductors
74AHC14 PHILIPS-74AHC14 Datasheet
103Kb / 16P
   Hex inverting Schmitt trigger
1999 Sep 27
74AHC_AHCT14 PHILIPS-74AHC_AHCT14_15 Datasheet
123Kb / 16P
   Hex inverting Schmitt trigger
Rev. 05-4 May 2009
logo
Nexperia B.V. All right...
74HC14-Q100 NEXPERIA-74HC14-Q100 Datasheet
271Kb / 17P
   Hex inverting Schmitt trigger
Rev. 7 - 13 August 2021
74LV14 NEXPERIA-74LV14 Datasheet
259Kb / 15P
   Hex inverting Schmitt trigger
Rev. 9 - 14 September 2021
74LV14A NEXPERIA-74LV14A Datasheet
239Kb / 13P
   Hex inverting Schmitt trigger
Rev. 4 - 29 April 2021
logo
NXP Semiconductors
74HCT14 PHILIPS-74HCT14 Datasheet
120Kb / 23P
   Hex inverting Schmitt trigger
2003 Oct 30
logo
Fairchild Semiconductor
MM74HCT14 FAIRCHILD-MM74HCT14_05 Datasheet
94Kb / 7P
   Hex Inverting Schmitt Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com