전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BC368 데이터시트(PDF) 3 Page - NXP Semiconductors

부품명 BC368
상세설명  NPN medium power transistor 20 V, 1 A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

BC368 데이터시트(HTML) 3 Page - NXP Semiconductors

  BC368 Datasheet HTML 1Page - NXP Semiconductors BC368 Datasheet HTML 2Page - NXP Semiconductors BC368 Datasheet HTML 3Page - NXP Semiconductors BC368 Datasheet HTML 4Page - NXP Semiconductors BC368 Datasheet HTML 5Page - NXP Semiconductors BC368 Datasheet HTML 6Page - NXP Semiconductors BC368 Datasheet HTML 7Page - NXP Semiconductors BC368 Datasheet HTML 8Page - NXP Semiconductors BC368 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
2003 Nov 25
3
NXP Semiconductors
Product data sheet
NPN medium power transistor;
20 V, 1 A
BCP68
ORDERING INFORMATION
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 60134).
Notes
1.
See SOT223 (SC-73) standard mounting conditions.
2.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; standard footprint for SOT223.
3.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; 1 cm2 collector mounting pad.
4.
Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; 6 cm2 collector mounting pad.
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
BCP68
plastic surface mounted package; collector pad for good heat
transfer; 4 leads
SOT223
BCP68-25
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
32
V
VCEO
collector-emitter voltage
open base
20
V
VEBO
emitter-base voltage
open collector
5
V
IC
collector current (DC)
1
A
ICM
peak collector current
2
A
IBM
peak base current
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C; notes 1 and 2
0.625
W
Tamb ≤ 25 °C; notes 1 and 3
1
W
Tamb ≤ 25 °C; notes 1 and 4
1.4
W
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
150
°C
Tamb
operating ambient temperature
−65
+150
°C


유사한 부품 번호 - BC368

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
BC368 MOTOROLA-BC368 Datasheet
129Kb / 4P
   Amplifier Transistors
logo
Foshan Blue Rocket Elec...
BC368 FOSHAN-BC368 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-92 Plastic Package
logo
ON Semiconductor
BC368 ONSEMI-BC368 Datasheet
63Kb / 4P
   Amplifier Transistors
May, 2004 ??Rev. 4
logo
Jiangsu Changjiang Elec...
BC368 JIANGSU-BC368 Datasheet
404Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
NXP Semiconductors
BC368 PHILIPS-BC368 Datasheet
43Kb / 8P
   NPN medium power transistor
1999 Apr 26
More results

유사한 설명 - BC368

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
BCP68 NXP-BCP68 Datasheet
173Kb / 12P
   NPN medium power transistor; 20 V, 1 A
2003 Nov 25
BC368 NXP-BC368 Datasheet
143Kb / 9P
   NPN medium power transistor; 20 V, 1 A
2004 Nov 05
BCP69 NXP-BCP69 Datasheet
94Kb / 13P
   20 V, 1 A PNP medium power transistor
Rev. 06-2 December 2008
BC869 NXP-BC869 Datasheet
177Kb / 11P
   PNP medium power transistor; 20 V, 1 A
2004 Nov 08
logo
Nexperia B.V. All right...
BSR41-Q NEXPERIA-BSR41-Q Datasheet
188Kb / 8P
   60 V, 1 A NPN medium power transistor
9 December 2021
BSR43-Q NEXPERIA-BSR43-Q Datasheet
188Kb / 8P
   80 V, 1 A NPN medium power transistor
9 December 2021
BSR41 NEXPERIA-BSR41 Datasheet
218Kb / 8P
   60 V, 1 A NPN medium power transistor
1 October 2022
BSR43 NEXPERIA-BSR43 Datasheet
219Kb / 8P
   80 V, 1 A NPN medium power transistor
1 October 2022
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com