전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PZU5.6DB2DG 데이터시트(PDF) 5 Page - NXP Semiconductors

부품명 PZU5.6DB2DG
상세설명  Dual Zener diodes
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

PZU5.6DB2DG 데이터시트(HTML) 5 Page - NXP Semiconductors

  PZU5.6DB2DG Datasheet HTML 1Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 2Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 3Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 4Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 5Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 6Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 7Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 8Page - NXP Semiconductors PZU5.6DB2DG Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PZUXDB2_SER_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 31 March 2008
5 of 12
NXP Semiconductors
PZUxDB2 series
Dual Zener diodes
[1]
f = 1 MHz; VR =0V
[2]
tp = 100 µs; square wave; Tj =25 °C prior to surge
8.2
8.02
8.36
60
10
0.5
5
4.6
150
3.5
9.1
8.85
9.23
60
10
0.5
6
5.5
120
3.5
10
9.77
10.21
60
10
0.1
7
6.4
110
3.5
11
10.76
11.22
60
10
0.1
8
7.4
108
3
12
11.74
12.24
80
10
0.1
9
8.4
105
3
13
12.91
13.49
80
10
0.1
10
9.4
103
2.5
14
13.7
14.3
80
10
0.1
11
10.4
101
2
15
14.34
14.98
80
15
0.05
11
11.4
99
2
16
15.85
16.51
80
20
0.05
12
12.4
97
1.5
18
17.56
18.35
80
20
0.05
13
14.4
93
1.5
20
19.52
20.39
100
20
0.05
15
16.4
88
1.5
22
21.54
22.47
100
25
0.05
17
18.4
84
1.3
24
23.72
24.78
120
30
0.05
19
20.4
80
1.3
Table 8.
Characteristics per type; PZU2.7DB2 to PZU24DB2 and PZU2.7DB2/DG to PZU24DB2/DG …continued
Tj =25 °C unless otherwise specified.
PZUxDB2
PZUxDB2/DG
Working
voltage
VZ (V)
Differential resistance
rdif (Ω)
Reverse
current
IR (µA)
Temperature
coefficient
SZ (mV/K)
Diode
capacitance
Cd (pF)[1]
Non-repetitive
peak reverse
current
IZSM (A)[2]
IZ =5mA
IZ = 0.5 mA IZ =5mA
IZ =5mA
Min
Max
Max
Max
Max
VR (V) Typ
Max
Max


유사한 부품 번호 - PZU5.6DB2DG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PZU5.6DB2 NXP-PZU5.6DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU5.6DB2 NXP-PZU5.6DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
PZU5.6DB2 NEXPERIA-PZU5.6DB2 Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU5.6DB2/DG NXP-PZU5.6DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
PZU5.6DB2/DG NXP-PZU5.6DB2/DG Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
More results

유사한 설명 - PZU5.6DB2DG

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
PZUXDB2 NXP-PZUXDB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-C20 NXP-BZB84-C20 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
PZU10DB2 NXP-PZU10DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
logo
Nexperia B.V. All right...
BZB84_SER NEXPERIA-BZB84_SER Datasheet
2Mb / 14P
   Dual Zener diodes
Rev. 03 - 9 June 2009
logo
NXP Semiconductors
BZB84 NXP-BZB84 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
logo
General Semiconductor
AZ23-C2V7 GE-AZ23-C2V7 Datasheet
387Kb / 8P
   DUAL ZENER DIODES
logo
Nexperia B.V. All right...
PZUXDB2_SER NEXPERIA-PZUXDB2_SER Datasheet
238Kb / 13P
   Dual Zener diodes
Rev. 01 - 31 March 2008
logo
NXP Semiconductors
PZU7.5DB2 NXP-PZU7.5DB2 Datasheet
124Kb / 12P
   Dual Zener diodes
Rev. 01-31 March 2008
BZB84-B3V0 NXP-BZB84-B3V0 Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
CD74ACT573M NXP-CD74ACT573M Datasheet
90Kb / 14P
   Dual Zener diodes
Rev. 03-9 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com