전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM33550 데이터시트(PDF) 1 Page - saftbatteries

부품명 LM33550
상세설명  3 V Primary lithium-manganese dioxide High power D-size spiral cell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAFT [saftbatteries]
홈페이지  https://www.saftbatteries.com/
Logo SAFT - saftbatteries

LM33550 데이터시트(HTML) 1 Page - saftbatteries

  LM33550 Datasheet HTML 1Page - saftbatteries LM33550 Datasheet HTML 2Page - saftbatteries  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
January 2011
Primary lithium battery
LM 33550
Benefits
High voltage response, stable
during most of the lifetime of the
application
High drain/pulse capabilty
Minimum voltage delay after long
dormant periods
Competitive capacity at high
current and low temperature
Easy integration into compact
systems
Low self-discharge rate
(less than 2% after 1 year of
storage at + 20°C)
Key features
Steel container
Hermetic glass-to-metal sealing
Built-in safety vent
Non-corrosive electrolyte
Restricted for transport
(Class 9)
Made in the USA
Main applications
Radio communication
Measuring equipment
Marine equipment
ELTS, EPIRBS, etc.
Electrical characteristics
(Typical values relative to cells stored for one year or less
at + 30°C max.)
Nominal capacity
13 Ah
(at 250 mA + 20°C 2.0 V cut-off. The capacity restored by the
cell varies according to current drain, temperature and cut-off).
Open circuit voltage (at + 20°C)
3.2 V
Nominal voltage (under 1 mA at + 20°C)
3.0 V
Pulse capability : Typically up to 8 A
(The voltage readings may vary according to the pulse characteristics,
the temperature, and the cell’s previous history. Fitting the cell with
a capacitor may be recommended in severe conditions. Consult Saft.)
Maximum recommended continuous current
4 A
(To maintain cell heating within safe limits)
Storage (recommended)
+ 30°C (+ 86°F) max
(for more severe conditions, consult Saft)
Operating temperature range
- 40°C /+ 70°C
(Operation below ambient T may lead to reduced capacity and
lower voltage readings)
Physical characteristics (with sleeve)
Diameter (max)
34.2 mm (1.35 in.)
Height (max, without tabs)
61.4 mm (2.42 in.)
Typical weight
120 g (4.23 oz)
Li metal content
approx. 3.7 g
Standard cell comes with vent washer at the bottom and two radial
0.15 mm thick nickel tabs. Other configurations available on request.
3 V Primary lithium-manganese dioxide (Li-MnO
2)
High power
D-size spiral cell
Cell size reference
R20 - D
For applications requesting
excellent voltage response and
operating life in - 40°C/+ 70°C
environments


유사한 부품 번호 - LM33550

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355MM-4.1 NSC-LM3355MM-4.1 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355MMX-4.1 NSC-LM3355MMX-4.1 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
More results

유사한 설명 - LM33550

제조업체부품명데이터시트상세설명
logo
saftbatteries
LM17130 SAFT-LM17130 Datasheet
159Kb / 2P
   3 V Primary lithium-manganese dioxide
LO26SX SAFT-LO26SX Datasheet
544Kb / 2P
   3.0 V Primary lithium - sulfur dioxide High drain capability D- size spiral cell
G26 SAFT-G26 Datasheet
657Kb / 2P
   3.0 V Primary lithium-sulfur dioxide High drain capability D- size spiral cell
BA5567 SAFT-BA5567 Datasheet
337Kb / 2P
   3 V Primary lithium sulfur dioxide High drain capability 1/3 C-size spiral cell
G523 SAFT-G523 Datasheet
447Kb / 2P
   3.0 V Primary lithium-sulfur dioxide High drain capability C-size spiral cell
G062 SAFT-G062 Datasheet
330Kb / 2P
   3.0 V Primary lithium-sulfur dioxide High drain capability AA- size spiral cell
logo
List of Unclassifed Man...
WR34615 ETC1-WR34615 Datasheet
83Kb / 2P
   3.6V Primary lithium-sulfur dioxide (Li-SO2) Power type D-size spiral cell
logo
saftbatteries
LM22150 SAFT-LM22150 Datasheet
354Kb / 2P
   3 V Primary lithium manganese dioxide (Li-MnO2) battery
LSH20 SAFT-LSH20 Datasheet
672Kb / 2P
   3.6 V Primary lithium-thionyl chloride High power D-size spiral cell
LO26SHX SAFT-LO26SHX Datasheet
520Kb / 2P
   3.0 V Primary lithium - sulfur dioxide Very high drain and pulse capability D- size spiral cell
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com