전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL3700S 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 HCPL3700S
상세설명  AC/DC TO LOGIC INTERFACE OPTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL3700S 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  HCPL3700S Datasheet HTML 1Page - Fairchild Semiconductor HCPL3700S Datasheet HTML 2Page - Fairchild Semiconductor HCPL3700S Datasheet HTML 3Page - Fairchild Semiconductor HCPL3700S Datasheet HTML 4Page - Fairchild Semiconductor HCPL3700S Datasheet HTML 5Page - Fairchild Semiconductor HCPL3700S Datasheet HTML 6Page - Fairchild Semiconductor HCPL3700S Datasheet HTML 7Page - Fairchild Semiconductor HCPL3700S Datasheet HTML 8Page - Fairchild Semiconductor HCPL3700S Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
1. Derate linearly above 70°C free-air temperature at a rate of 1.8 mW/°C.
2. Derate linearly above 70°C free-air temperature at a rate of 2.5 mW/°C.
3. Derate linearly above 70°C free-air temperature at a rate of 0.6 mA/°C.
4. Derate linearly above 70°C free-air temperature at a rate of 1.9 mW/°C.
5. Logic low output level at pin 6 occurs when VIN!VTH+ and when VIN%VTH- once VIN exceeds VTH+. Logic high output level at pin 6
occurs when VIN"VTH- and when VIN&VTH+ once VIN decreases below VTH-.
6. TPHL propagation delay is measured from the 2.5 V level of the leading edge of a 5.0 V input pulse (1 µs rise time) to the 1.5 V level
on the leading edge of the output pulse. TPLH propagation delay is measured on the trailing edges of the input and output pulse.
(Refer to Fig. 9)
7. Common mode transient immunity in logic high level is the maximum tolerable (positive) dVcm/dt on the leading edge of the
common mode pulse signal VCM, to assure that the output will remain in a logic high state (i.e., VO%2.0 V). Common mode transient
immunity in logic low level is the maximum tolerable (negative) dVcm/dt on the trailing edge of the common mode pulse signal, VCM,
to assure that the output will remain in a logic low state (i.e., VO&0.8 V). (Refer to Fig.10)
8. In applications where dVcm/dt may exceed 50,000 V/µs (Such as static discharge), a series resistor, RCC, should be included to
protect the detector chip from destructive surge currents. The recommended value for RCC is 240 $ per volt of allowable drop in
VCC (between pin 8 and VCC) with a minimum value of 240 $.
9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are shorted together.
10. The 2500 VRMS/1 min. capability is validated by 3.0 kVRMS/1 sec. dielectric voltage withstand test.
11. AC voltage is instantaneous voltage for VTH+ & VTH-.
12. All typicals at TA = 25°C, VCC = 5 V unless otherwise specified.
NOTES
AC/DC TO LOGIC INTERFACE
OPTOCOUPLER
200003A
HCPL-3700


유사한 부품 번호 - HCPL3700S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
More results

유사한 설명 - HCPL3700S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
HCPL3700 FAIRCHILD-HCPL3700 Datasheet
525Kb / 10P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
HCPL3700V FAIRCHILD-HCPL3700V Datasheet
271Kb / 11P
   AC/DC to Logic Interface Optocoupler
HCPL-3700 FAIRCHILD-HCPL-3700 Datasheet
137Kb / 11P
   AC/DC TO LOGIC INTERFACE OPTOCOUPLER
logo
Agilent(Hewlett-Packard...
HCPL-0370 HP-HCPL-0370 Datasheet
119Kb / 13P
   AC/DC to Logic Interface Optocouplers
HCPL-3700 HP-HCPL-3700 Datasheet
230Kb / 13P
   AC/DC to Logic Interface Optocouplers
logo
Broadcom Corporation.
HCPL-576X BOARDCOM-HCPL-576X Datasheet
1Mb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-576X HP-HCPL-576X Datasheet
164Kb / 11P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-5761 AVAGO-HCPL-5761 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-5760 AVAGO-HCPL-5760 Datasheet
717Kb / 10P
   AC/DC to Logic Interface Hermetically Sealed Optocouplers
HCPL-2503-000E AVAGO-HCPL-2503-000E Datasheet
316Kb / 12P
   Single Channel, High Speed Logic Interface Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com