전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DM-301 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 DM-301
상세설명  THERMOCOUPLE & RESISTANCE THERMOMETER SENSORS & PROBES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC2 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC2 - List of Unclassifed Manufacturers

DM-301 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DM-301 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM-301 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
EXTERNAL/COLD STORE Pt100 SENSOR.
STYLE RTP
q
Rugged, wall mounting Pt100 assembly for heavy duty applications
q
Pt100, Class B for 2,3 or 4 wire connection
q
Temperature range -50°C to 150°C
q
Weatherproof assembly to IP67, H80 x W74 x D54mm
q
Stainless steel perforated probe 12.5mm diameter x 75mm
q
M20 cable gland
q
4-20mA transmitter option
CLEAN ROOM Pt100 SENSOR. STYLE RTZ
q
Moulded, wall mounting Pt100 housing for accurate, indoor air
temperature sensing
q
Moulded case H85 x W85 x D30mm
q
Surface or standard electrical conduit mounting
q
Pt100, Class B for 2,3, or 4 wire connection
q
Temperature range 0 to 70°C
PATCH, SURFACE Pt100. STYLE RTF
q
Pt100 Class B sensor in a moulded silicone rubber patch
q
Dimension L40mm, W13mm, thickness 5mm
q
4 wire connection
q
Self-adhesive, aluminium foil backing
q
2m PTFE insulated, twisted pair lead, 4 core, 7/0.2mm
q
Temperature range -50 to 150°C
q
Resistant to many oils & chemicals
HAND HELD Pt100 PROBES
A range of hand held probes provides alternative handle and sheath
configurations – details on application.
10
PLATINUM RESISTANCE
THERMOMETERS
www.labfacility.co.uk
RESISTANCE THERMOMETERS FOR SPECIFIC APPLICATIONS
q
Pt100 & Pt1000 elements to IEC751, Class A & B
q
Wirewound & thin film construction
q
Thin film elements are resistant to vibration & shock & provide better
thermal sensitivity
q
Wirewound elements provide optimum performance in process
applications when used in a protective sheath
q
Glass encapsulated options for hermetic sealing details on request
q
Extended lead options, 2 & 4 wire with ceramic sheath
q
Wide range of sizes
q
Range –200 to 800°C wirewound, -70 to 500°C thin film
q
Duplex versions (wirewound)
THIN FILM Pt1000 ELEMENTS
THIN FILM Pt100 ELEMENTS
ORDER CODE
Code
Pt100 assembly
RTP-PT100
4-20mA transmitter version RTP-PT100-TX
ORDER CODE
RTZ-PT100
ORDER CODE
RTF4-2
ORDER CODES
Thin Film elements Pt1000
Type
Code
2 x 10mm, Class A
DM-310
2 x 10mm Class B
DM-507
FOR PACKS OF 5, ADD x5 TO CODE
ORDER CODES
Thin Film elements Pt100
Type
Code
2 x 5mm, Class B
DM-503
2 x 10mm, Class A
DM-334
2 x 10mm, Class B
DM-333
2 x 2.3mm, Class A
DM-303
2 x 2.3mm, Class B
DM-301
FOR PACKS OF 5, ADD x5 TO CODE
Alternatives made to order – details on request
PLATINUM RESISTANCE SENSING ELEMENTS


유사한 부품 번호 - DM-301

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
DM-3000 MURATA-DM-3000 Datasheet
2Mb / 8P
   Multifunctional Digital Panel Meter and Counter Display
More results

유사한 설명 - DM-301

제조업체부품명데이터시트상세설명
logo
Extech Instruments Corp...
EA15 EXTECH-EA15 Datasheet
303Kb / 8P
   Thermocouple Datalogging Thermometer
logo
List of Unclassifed Man...
205-TC ETC2-205-TC Datasheet
907Kb / 22P
   THERMOCOUPLE MINIATURE PANEL THERMOMETER
logo
Cynergy3 Co
ITTP100A CYNERGY3-ITTP100A Datasheet
111Kb / 1P
   Programmable Temperature Probes - Thermocouple and PT100 Assemblies
logo
Carlo Gavazzi Holding A...
CLH CARLOGAVAZZI-CLH Datasheet
152Kb / 2P
   Conductive Sensors Level Probes
08.04.2011
logo
TT Electronics.
DS2101 TTELEC-DS2101 Datasheet
477Kb / 2P
   Averaging Multi Resistance Thermometer (MRT)
logo
Keysight Technologies
N8482H KEYSIGHT-N8482H Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
U8487A KEYSIGHT-U8487A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
U8481A KEYSIGHT-U8481A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
N8487A KEYSIGHT-N8487A Datasheet
2Mb / 23P
   Series Thermocouple Power Sensors
U8488A KEYSIGHT-U8488A Datasheet
3Mb / 21P
   USB Thermocouple Power Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com