전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

U1AFS6003 데이터시트(PDF) 7 Page - Microsemi Corporation

부품명 U1AFS6003
상세설명  Terrestrial FPGA and SoC Product Catalog
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROSEMI [Microsemi Corporation]
홈페이지  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

U1AFS6003 데이터시트(HTML) 7 Page - Microsemi Corporation

Back Button U1AFS6003 Datasheet HTML 3Page - Microsemi Corporation U1AFS6003 Datasheet HTML 4Page - Microsemi Corporation U1AFS6003 Datasheet HTML 5Page - Microsemi Corporation U1AFS6003 Datasheet HTML 6Page - Microsemi Corporation U1AFS6003 Datasheet HTML 7Page - Microsemi Corporation U1AFS6003 Datasheet HTML 8Page - Microsemi Corporation U1AFS6003 Datasheet HTML 9Page - Microsemi Corporation U1AFS6003 Datasheet HTML 10Page - Microsemi Corporation U1AFS6003 Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
7
www.microsemi.com/soc
• UltralowpowerFPGAs
• Flash*Freezetechnologyfor
lowest power consumption
• 1.2VcoreandI/Ovoltage
• 5µWFlash*Freezemode
• Reprogrammable
• Liveatpower-up
• AES-protectedin-system
programming (ISP)
• UsernonvolatileFlashROM
IGLOO/e
Notes:
1. AES is not available for Cortex-M1 IGLOO devices.
2. AGL060 in CS121 does not support the PLL.
3. Six chip (main) and twelve quadrant global networks are available for AGL060 devices and above.
4. The M1AGL250 device does not support this package.
IGLOO/e Devices
Notes:
1. The M1AGL250 device does not support QN132 or CS196 packages.
2. Each used differential pair reduces the number of single-ended I/Os available by two.
I/Os Per Package
IGLOO Devices
AGL030 AGL060 AGL125
AGL250
AGL400
AGL600
AGL1000
AGLE600
AGLE3000
Cortex-M1
Devices
M1AGL2501
M1AGL600
M1AGL1000
M1AGLE3000
I/O Type
Single-
Ended
I/O
Single-
Ended
I/O
Single-
Ended
I/O
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
Single-
Ended
I/O2
Differen-
tial I/O
Pairs
QN48
34
QN68
49
UC81
66
CS81
66
CS121
96
VQ100
77
71
71
68
13
QN132
81
80
84
87
19
CS196
133
143
35
143
35
FG144
96
97
97
24
97
25
97
25
97
25
FG256
178
38
177
43
177
44
165
79
CS281
215
53
215
53
FG484
194
38
235
60
300
74
270
135
341
168
FG896
620
310
The ultra low power programmable solution
The IGLOO family of reprogrammable, full-featured flash FPGAs is designed to meet the demanding power, area and cost requirements of today’s portable
electronics. Based on nonvolatile flash technology, the 1.2 V to 1.5 V operating voltage family offers the industry’s lowest power consumption—as low as 5 µW.
The IGLOO family supports up to 3,000,000 system gates with up to 504 Kbits of true dual-port SRAM, up to 6 embedded PLLs and up to 620 user I/Os.
Low power applications that require 32-bit processing can use the ARM Cortex-M1 processor without license fee or royalties in M1 IGLOO devices. Developed
specifically for implementation in FPGAs, Cortex-M1 offers an optimal balance between performance and size to minimize power consumption.
IGLOO Devices
AGL030
AGL060
AGL125
AGL250
AGL400
AGL600
AGL1000
AGLE600
AGLE3000
Cortex-M1Devices1
M1AGL250
M1AGL600
M1AGL1000
M1AGLE3000
System Gates
30,000
60,000
125,000
250,000
400,000
600,000
1,000,000
600,000
3,000,000
Typical Equivalent
Macrocells
256
512
1,024
2,048
VersaTiles(D-flip-flops)
768
1,536
3,072
6,144
9,216
13,824
24,576
13,824
75,264
Flash*Freeze Mode
(typical,µW)
5
10
16
24
32
36
53
49
137
RAM(1,024bits)
18
36
36
54
108
144
108
504
RAMBlocks(4,608bits)
4
8
8
12
24
32
24
112
FlashROMKbits
(1,024bits)
1
1
1
1
1
1
1
1
1
AES-Protected ISP1
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Integrated PLLs with CCC2
1
1
1
1
1
1
6
6
VersaNetGlobals3
6
18
18
18
18
18
18
18
18
I/OBanks
2
2
2
4
4
4
4
8
8
Maximum User I/Os
(packaged device)
81
96
133
143
194
235
300
270
620
Package Pins
UC
CS
QN
VQ
FG
UC81
CS81
QN48
QN68
QN132
VQ100
CS121
QN132
VQ100
FG1445
CS81
CS196
QN132
VQ100
FG144
CS81
CS1964
QN1324
VQ100
FG144
CS196
FG144
FG256
FG484
CS281
FG144
FG256
FG484
CS281
FG144
FG256
FG484
FG256
FG484
FG484
FG896


유사한 부품 번호 - U1AFS6003

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
U1AFS600 MICROSEMI-U1AFS600 Datasheet
17Mb / 334P
   Fusion Family of Mixed Signal FPGAs
logo
Actel Corporation
U1AFS600-FG256 ACTEL-U1AFS600-FG256 Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
U1AFS600-FG256 ACTEL-U1AFS600-FG256 Datasheet
765Kb / 27P
   3 - DC and Power Characteristics
U1AFS600-FG256I ACTEL-U1AFS600-FG256I Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
U1AFS600-FGG256 ACTEL-U1AFS600-FGG256 Datasheet
8Mb / 17P
   Actel Fusion Mixed-Signal FPGA
More results

유사한 설명 - U1AFS6003

제조업체부품명데이터시트상세설명
logo
Microsemi Corporation
A3P060-VQG100 MICROSEMI-A3P060-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P125-VQG100 MICROSEMI-A3P125-VQG100 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P060-QNG132 MICROSEMI-A3P060-QNG132 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P250-FGG256 MICROSEMI-A3P250-FGG256 Datasheet
1Mb / 27P
   Terrestrial FPGA and SoC Product Catalog
A3P400-PQG208 MICROSEMI-A3P400-PQG208 Datasheet
1Mb / 27P
   FPGA and SoC Product Catalog
DS0128 MICROSEMI-DS0128 Datasheet
1Mb / 140P
   IGLOO2 FPGA and SmartFusion2 SoC FPGA
Revision 12.0
logo
FCI connector
RC16M23K FCI-CONNECTOR-RC16M23K Datasheet
232Kb / 2P
   interactive product catalog
logo
Teccor Electronics
Q8008L5 TECCOR-Q8008L5 Datasheet
2Mb / 223P
   Thyristor Product Catalog
K0900E70 TECCOR-K0900E70 Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Cooper Bussmann, Inc.
ABC-5 COOPER-ABC-5 Datasheet
2Mb / 5P
   Consumer Aftermarket Product Catalog
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com